データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3510N データシート(PDF) 1 Page - Sony Corporation

部品番号 CXA3510N
部品情報  4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3510N データシート(HTML) 1 Page - Sony Corporation

  CXA3510N Datasheet HTML 1Page - Sony Corporation CXA3510N Datasheet HTML 2Page - Sony Corporation CXA3510N Datasheet HTML 3Page - Sony Corporation CXA3510N Datasheet HTML 4Page - Sony Corporation CXA3510N Datasheet HTML 5Page - Sony Corporation CXA3510N Datasheet HTML 6Page - Sony Corporation CXA3510N Datasheet HTML 7Page - Sony Corporation CXA3510N Datasheet HTML 8Page - Sony Corporation CXA3510N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
—1—
E99201
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
4ch. Read/Write Amplifier for
Thin Film Head of Hard Disk Drive
CXA3510N
Description
The CXA3510N is a Read/Write Amplifier for the
thin film head of hard disk drive and designed to
handle up to 4 channel heads.
Features
• Operate on single +5 V power supply
• Low power consumption
Read : 85 mW
Write : 115 mW + IW
× 5
Idle : 8 mW
• Designed for two terminal thin-film or MIG heads
• Read amplifier emitter follower output featuring
360 times gain (typ).
• Differential input capacitance for Read : 6pF (typ)
• Input noise : 0.47 nV /
√ Hz (typ)
• Write current range : 5 to 15 mA
• Differential Head voltage swing : 9 Vp-p (typ)
• IW Rise / Fall times : 3.7 ns (typ)
(LH=540 nH, RH=25
Ω, IW=10 mA)
• Differential P-ECL write data input
• Built-in write unsafe detection circuit.
• Built-in Servo write function (2/4 ch).
• Built-in IC protection circuit for short of head to
GND.
• Read data outputs are high impedance in write
mode.
• Unselected head voltage is GND potential.
• Built-in supply voltage monitor circuit prohibits
incorrect write during power on or abnormal
voltage.
• Self switching damping resistance (RD = 360
Ω).
Function
Read, Write and Write unsafe detection for HDD,
power supply ON/OFF detection.
Structure
Bipolar silicon monolithic IC
20 pin SSOP (Plastic)
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
6V
• Write current
IW
20
mAo-p
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
620
mW
• WUS/SE pin input current
ISEH
15
mA
Recommended Operating Conditions
• Supply voltage
VCC
5.0 V±10
%
• Write current
IW
5 to 15 mAo-p
For the availability of this product, please contact the sales office.


同様の部品番号 - CXA3510N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
CXA3516 SONY-CXA3516 Datasheet
1Mb / 110P
   3-channel 8-bit 165MSPS A/D Converter Amplifier PLL
CXA3516R SONY-CXA3516R Datasheet
1Mb / 110P
   3-channel 8-bit 165MSPS A/D Converter Amplifier PLL
More results

同様の説明 - CXA3510N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com