データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74AC175P データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TC74AC175P
部品情報  Quad D-Type Flip Flop with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC175P データシート(HTML) 3 Page - Toshiba Semiconductor

  TC74AC175P_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC175P_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC175P_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC175P_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC175P_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC175P_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC175P_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC175P_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC175P_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74AC175P/F/FT
2012-02-29
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±50
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±200
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP/TSSOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta = −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be
applied up to 300 mW.
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


同様の部品番号 - TC74AC175P_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74AC175P TOSHIBA-TC74AC175P Datasheet
298Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC175P TOSHIBA-TC74AC175P Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
More results

同様の説明 - TC74AC175P_12

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
   QUAD D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
   Quad D-Type Flip Flop with Clear
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
   QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
   Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
   Quad D-Type Flip-Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
TC74HC175AP TOSHIBA-TC74HC175AP_07 Datasheet
316Kb / 10P
   Quad D-Type Flip Flop with Clear
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com