データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3555N データシート(PDF) 9 Page - Sony Corporation

部品番号 CXA3555N
部品情報  All Band Tuner IC with On-chip PLL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3555N データシート(HTML) 9 Page - Sony Corporation

Back Button CXA3555N Datasheet HTML 5Page - Sony Corporation CXA3555N Datasheet HTML 6Page - Sony Corporation CXA3555N Datasheet HTML 7Page - Sony Corporation CXA3555N Datasheet HTML 8Page - Sony Corporation CXA3555N Datasheet HTML 9Page - Sony Corporation CXA3555N Datasheet HTML 10Page - Sony Corporation CXA3555N Datasheet HTML 11Page - Sony Corporation CXA3555N Datasheet HTML 12Page - Sony Corporation CXA3555N Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
– 9 –
CXA3555N
Item
Symbol
∆fsw1
∆fsw2
∆fsw3
∆fsw4
∆fst1
∆fst2
∆fst3
∆fst4
C/N1
C/N2
Measurement conditions
VHF operation
fOSC = 100MHz
∆f from 3s to 3min after switch ON
VHF operation
fOSC = 405MHz
∆f from 3s to 3min after switch ON
UHF operation
fOSC = 405MHz
∆f from 3s to 3min after switch ON
UHF operation
fOSC = 845MHz
∆f from 3s to 3min after switch ON
VHF operation
fOSC = 100MHz
∆f when VCC 5V changes ±5%
VHF operation
fOSC = 405MHz
∆f when VCC 5V changes ±5%
UHF operation
fOSC = 405MHz
∆f when VCC 5V changes ±5%
UHF operation
fOSC = 845MHz
∆f when VCC 5V changes ±5%
VHF operation
10kHz offset CP = 1
Phase comparison frequency = 31.25kHz
UHF operation
10kHz offset CP = 1
Phase comparison frequency = 31.25kHz
Min.
Typ.
86
80
Max.
Unit
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
dBc/Hz
dBc/Hz
±300
±600
±350
±400
±100
±450
±100
±100
1 Value measured with untuned input.
2 NF meter direct-reading value (DSB measurement).
3 Value with a desired reception signal input level of –30dBm, an interference signal of 100kHz/30% AM,
and an interference signal level where S/I = 46dB measured with a spectrum analyzer.
4 Value when the PLL is not operating.
Switch ON drift
(PLL not
operating) ∗4
Supply voltage drift
(PLL not
operating) ∗4
Oscillator phase
noise


同様の部品番号 - CXA3555N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3556N SONY-CXA3556N Datasheet
142Kb / 13P
   IF Down Converter for Digital Broadcast
More results

同様の説明 - CXA3555N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com