データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3556N データシート(PDF) 6 Page - Sony Corporation

部品番号 CXA3556N
部品情報  IF Down Converter for Digital Broadcast
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3556N データシート(HTML) 6 Page - Sony Corporation

Back Button CXA3556N Datasheet HTML 2Page - Sony Corporation CXA3556N Datasheet HTML 3Page - Sony Corporation CXA3556N Datasheet HTML 4Page - Sony Corporation CXA3556N Datasheet HTML 5Page - Sony Corporation CXA3556N Datasheet HTML 6Page - Sony Corporation CXA3556N Datasheet HTML 7Page - Sony Corporation CXA3556N Datasheet HTML 8Page - Sony Corporation CXA3556N Datasheet HTML 9Page - Sony Corporation CXA3556N Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
– 6 –
CXA3556N
Electrical Characteristics (VCC = 5V, Ta = 25°C)
(1) IF down converter mode (fvco = 49.38MHz)
Item
Current
consumption A
Gain 1
Gain 2
Gain width
IM3_1
IM3_2
Output noise 1
Output noise 2
Symbol
ICCA
G1
G2
G3
DIS1
DIS2
NF1
NF2
Measurement conditions
Input signal = no signal
AGC_IN voltage = 0V
Input signal = 1 wave (43.5MHz), AGC_IN voltage = 2.2V
Output signal = 1Vp-p
Input signal = 1 wave (43.5MHz), AGC_IN voltage = 0V
Output signal = 1Vp-p
G3 = G1 – G2
Input signal = 2 waves (43.5MHz, 43.6MHz)/–26dBm
Output signal = 1Vp-p
Input signal = 2 waves (43.5MHz, 43.6MHz)/–21dBm
Output signal = 1Vp-p
Input signal = –60dBm (43.5MHz)
Output signal = 1Vp-p
Input signal = –20dBm (43.5MHz)
Output signal = 1Vp-p
Unit
mA
dB
dB
dB
dBc
dBc
dBc/Hz
dBc/Hz
(2) Linear amplifier mode
Item
Current
consumption B
Gain 4
Gain 5
Gain width
IM3_3
IM3_4
Output noise 3
Output noise 4
Symbol
ICCB
G4
G5
G6
DIS3
DIS4
NF3
NF4
Measurement conditions
Input signal = no signal
AGC_IN voltage = 0V
Input signal = 1 wave (43.5MHz), AGC_IN voltage = 2.2V
Output signal = 1Vp-p
Input signal = 1 wave (43.5MHz), AGC_IN voltage = 0V
Output signal = 1Vp-p
G6 = G4 – G5
Input signal = 2 waves (43.5MHz, 43.6MHz)/–26dBm
Output signal = 1Vp-p
Input signal = 2 waves (43.5MHz, 43.6MHz)/–21dBm
Output signal = 1Vp-p
Input signal = –60dBm (43.5MHz)
Output signal = 1Vp-p
Input signal = –20dBm (43.5MHz)
Output signal = 1Vp-p
Min.
Typ.
63
68.5
12.7
56
–51
–51
–100
–120
Max.
Unit
mA
dB
dB
dB
dBc
dBc
dBc/Hz
dBc/Hz
77
73
15
58
–96
–111
44
65
10
54
–44
–42
(3) Output amplifier characteristics
Item
F
characteristics
Symbol
F
Measurement conditions
Input signal = 60MHz
Short between Pins 16 and 17
Min.
Typ.
–1.5
Max.
Unit
dB
0
–3
Min.
Typ.
63
68.5
12.2
56
–51
–51
–100
–120
Max.
77
73
15
58
–96
–111
44
65
10
54
–44
–42


同様の部品番号 - CXA3556N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
More results

同様の説明 - CXA3556N

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
logo
NEC
UPC2798GR NEC-UPC2798GR Datasheet
160Kb / 24P
   IF DOWN CONVERTOR IC FOR DIGITAL CATV
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
TDA8060TS PHILIPS-TDA8060TS Datasheet
539Kb / 16P
   Satellite ZERO-IF QPSK down-converter
1999 Aug 30
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com