データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74LCX00FK データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TC74LCX00FK
部品情報  Low-Voltage Quad 2-Input NAND Gate with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX00FK データシート(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX00FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX00FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX00FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX00FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX00FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX00FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX00FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX00FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX00FK_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74LCX00F/FT/FK
2012-02-29
5
AC Test Circuit
AC Waveform
90%
10%
Output
Input
VOL
VOH
GND
2.7 V
1.5 V
tpLH
tpHL
tf 2.5 ns
tr 2.5 ns
1.5 V
Figure 2 tpLH, tpHL
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1


同様の部品番号 - TC74LCX00FK_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCX00FK TOSHIBA-TC74LCX00FK Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input NAND Gate with 5-V Tolerant Inputs and Outputs
More results

同様の説明 - TC74LCX00FK_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F_07 Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input NAND Gate with 5-V Tolerant Inputs and Outputs
TC74VCX00FT TOSHIBA-TC74VCX00FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
TC74LCX08F TOSHIBA-TC74LCX08F_12 Datasheet
210Kb / 9P
   Low-Voltage Quad 2-Input AND Gate with 5-V Tolerant Inputs and Outputs
TC74LCX08F TOSHIBA-TC74LCX08F_07 Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input AND Gate with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX00FT TOSHIBA-TC74VCX00FT Datasheet
265Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX00 FAIRCHILD-74VCX00_05 Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74VCX00 FAIRCHILD-74VCX00 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX02F TOSHIBA-TC74LCX02F_12 Datasheet
200Kb / 10P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com