データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74LCX86F データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TC74LCX86F
部品情報  Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX86F データシート(HTML) 2 Page - Toshiba Semiconductor

  TC74LCX86F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX86F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX86F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX86F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX86F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX86F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX86F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX86F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX86F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC74LCX86F/FT/FK
2012-02-29
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
L
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
−0.5 to 7.0 (Note 2)
DC output voltage
VOUT
−0.5 to VCC + 0.5
(Note 3)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: VCC = 0 V
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
VCC
14
4B
4A
4Y
3B
3A
13
12
11
10
9
8
1A
1
2
3
4
5
6
7
1B
1Y
2A
2B
2Y
GND
3Y
(2)
= 1
(1)
(5)
(4)
(10)
(9)
(13)
(12)
1B
1A
2B
2A
3B
3A
4B
4A
(3)
(6)
(8)
(11)
1Y
2Y
3Y
4Y


同様の部品番号 - TC74LCX86F_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCX86FK TOSHIBA-TC74LCX86FK Datasheet
188Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86FN TOSHIBA-TC74LCX86FN Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX86FN TOSHIBA-TC74LCX86FN Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86FN TOSHIBA-TC74LCX86FN Datasheet
188Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86FT TOSHIBA-TC74LCX86FT Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

同様の説明 - TC74LCX86F_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F_08 Datasheet
188Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86F TOSHIBA-TC74LCX86F_07 Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74VCX86FT TOSHIBA-TC74VCX86FT_07 Datasheet
245Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 3.6-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74ALVC86 FAIRCHILD-74ALVC86_05 Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX86 FAIRCHILD-74VCX86 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC86 FAIRCHILD-74ALVC86 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX32F TOSHIBA-TC74LCX32F_07 Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX32F TOSHIBA-TC74LCX32F_12 Datasheet
216Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86F TOSHIBA-TC74LCX86F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86_08 Datasheet
407Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com