データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74LCX257FT データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TC74LCX257FT
部品情報  Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX257FT データシート(HTML) 4 Page - Toshiba Semiconductor

  TC74LCX257FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74LCX257F/FT/FK
2012-02-29
4
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
2.7 to 3.6
2.0
Input voltage
L-level
VIL
2.7 to 3.6
0.8
V
IOH = −100 μA
2.7 to 3.6
VCC
−0.2
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
H-level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
2.7 to 3.6
0.2
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0 to 5.5 V
2.7 to 3.6
±5.0
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 5.5 V
2.7 to 3.6
±5.0
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
10.0
μA
VIN = VCC or GND
2.7 to 3.6
10.0
Quiescent supply current
ICC
VIN/VOUT = 3.6 to 5.5 V
2.7 to 3.6
±10.0
Increase in Icc per input
ΔICC
VIH = VCC − 0.6 V
2.7 to 3.6
500
μA
AC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
2.7
6.5
Propagation delay time
(A, B-Y)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
1.5
6.0
ns
2.7
8.5
Propagation delay time
(SELECT-Y)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
1.5
7.0
ns
2.7
8.5
Output enable time
tpZL
tpZH
Figure 1, Figure 3
3.3
± 0.3
1.5
7.0
ns
2.7
6.0
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
3.3
± 0.3
1.5
5.5
ns
2.7
Output to output skew
tosLH
tosHL
(Note)
3.3
± 0.3
1.0
ns
Note:
Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


同様の部品番号 - TC74LCX257FT_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCX257FT TOSHIBA-TC74LCX257FT Datasheet
298Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX257FT TOSHIBA-TC74LCX257FT Datasheet
249Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
More results

同様の説明 - TC74LCX257FT_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F_07 Datasheet
249Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_12 Datasheet
226Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC7MZ157FK TOSHIBA-TC7MZ157FK_07 Datasheet
187Kb / 8P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_07 Datasheet
279Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A_15 Datasheet
193Kb / 18P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 6-28 November 2011
logo
Nexperia B.V. All right...
74LVC257A NEXPERIA-74LVC257A Datasheet
262Kb / 14P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
logo
STMicroelectronics
74LCX257 STMICROELECTRONICS-74LCX257 Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
logo
Toshiba Semiconductor
TC7MA257FK TOSHIBA-TC7MA257FK Datasheet
229Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC74VCX157FT TOSHIBA-TC74VCX157FT_07 Datasheet
258Kb / 12P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com