データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74LVX4053FK データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TC74LVX4053FK
部品情報  8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4053FK データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74LVX4053FK_08 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX4053FK_08 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX4053FK_08 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4053FK_08 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4053FK_08 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4053FK_08 Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4053FK_08 Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4053FK_08 Datasheet HTML 9Page - Toshiba Semiconductor TC74LVX4053FK_08 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC74LVX4051,4052,4053F/FT/FK
2008-05-01
6
AC Electrical Characteristics (CL = 50 pF, Input: tr = tf = 3 ns, GND = 0 V)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VEE (V) VCC (V)
Min
Typ.
Max
Min
Max
Unit
GND
2.0
3.2
6.0
6.9
GND
3.0
1.8
3.0
3.5
GND
4.5
1.3
1.8
2.1
Phase difference between
input and output
φI/O
All types
−3.0
3.0
1.1
1.3
1.5
ns
GND
2.0
9.0
17
20
GND
3.0
5.7
9.0
11
GND
4.5
4.5
6.0
7.0
Output enable time
tpZL
tpZH
Figure 1
(Note 1)
−3.0
3.0
5.8
8.0
10
ns
GND
2.0
13.5
21
25
GND
3.0
11.3
15
18
GND
4.5
10.3
12
14
Output disable time
tpLZ
tpHZ
Figure 1
(Note 1)
−3.0
3.0
10.9
13
15
ns
Control input capacitance
Cin
All types
(Note 2)
5
10
10
pF
4051
11
25
25
4052
9
20
20
COMMON terminal
capacitance
CIS
4053
Figure 2
(Note 2)
−3.0
3.0
7
15
15
pF
4051
6
13
13
4052
6
13
13
SWITCH terminal
capacitance
COS
4053
Figure 2
(Note 2)
−3.0
3.0
6
13
13
pF
4051
3
6
6
4052
3
6
6
Feedthrough capacitance
CIOS
4053
Figure 2
(Note 2)
−3.0
3.0
3
6
6
pF
4051
14
4052
24
Power dissipation
capacitance
CPD
4053
Figure 2
(Note 3)
GND
6.0
18
pF
Note 1: RL = 1 kΩ
Note 2: Cin, CIS, COS and CIOS are guaranteed by the design.
Note 3: CPD is defined as the value of the internal equivalent capacitance of IC which is calculated from the
operating current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


同様の部品番号 - TC74LVX4053FK_08

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LVX4053F TOSHIBA-TC74LVX4053F Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
TC74LVX4053FT TOSHIBA-TC74LVX4053FT Datasheet
167Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX4053FT TOSHIBA-TC74LVX4053FT Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
More results

同様の説明 - TC74LVX4053FK_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com