データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VHC164FT データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TC74VHC164FT
部品情報  8-Bit Shift Register (S-IN, P-OUT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC164FT データシート(HTML) 3 Page - Toshiba Semiconductor

  TC74VHC164FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC164FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC164FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC164FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC164FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC164FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC164FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC164FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC164FT_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74VHC164F/FT/FK
2012-02-29
3
Timing Chart
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±75
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
CK
CLR
Serial
Inputs
Outputs
QA
QB
QC
QD
QE
QF
QG
QH
B
A
CLEAR
CLEAR


同様の部品番号 - TC74VHC164FT_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC164FT TOSHIBA-TC74VHC164FT Datasheet
259Kb / 7P
   8-BIT SHIFT REGISTER
TC74VHC164FT TOSHIBA-TC74VHC164FT Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164FT TOSHIBA-TC74VHC164FT Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results

同様の説明 - TC74VHC164FT_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
   8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
   8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
   8-Bit Shift Register (P-In, S-Out)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com