データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VHC174F データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TC74VHC174F
部品情報  Hex D-Type Flip Flop with Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC174F データシート(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC174F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC174F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC174F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC174F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC174F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC174F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC174F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC174F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC174F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC174F/FT/FK
2012-02-29
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta = −40 to
85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
7.2
11.0
1.0
13.0
3.3 ± 0.3
50
9.7
14.5
1.0
16.5
15
4.9
7.2
1.0
8.5
Propagation delay
time
(CK-Q)
tpLH
tpHL
5.0 ± 0.5
50
6.4
9.2
1.0
10.5
ns
15
7.4
11.4
1.0
13.5
3.3 ± 0.3
50
9.9
14.9
1.0
17.0
15
5.1
7.6
1.0
9.0
Propagation delay
time
( CLR -Q)
tpHL
5.0 ± 0.5
50
6.6
9.6
1.0
11.0
ns
15
95
150
80
3.3 ± 0.3
50
55
85
50
15
130
175
110
Maximum clock
frequency
fmax
5.0 ± 0.5
50
90
120
80
MHz
3.3 ± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.5 ± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note 2)
29
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/6 (per F/F)
And the total CPD when n pcs. of flip flop operate can be gained by the following equation:
CPD (total) = 19 + 10·n
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Characteristics
Symbol
VCC (V)
Typ.
Max
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.4
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.4
−0.8
V
Minimum high level dynamic input voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input voltage
VILD
CL = 50 pF
5.0
1.5
V


同様の部品番号 - TC74VHC174F_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC174FK TOSHIBA-TC74VHC174FK Datasheet
280Kb / 9P
   Hex D-Type Flip Flop with Clear
2019-01-31
TC74VHC174FN TOSHIBA-TC74VHC174FN Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74VHC174FN TOSHIBA-TC74VHC174FN Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
TC74VHC174FT TOSHIBA-TC74VHC174FT Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74VHC174FT TOSHIBA-TC74VHC174FT Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
More results

同様の説明 - TC74VHC174F_12

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com