データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VHC9151P データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC74VHC9151P
部品情報  9-Bit Schmitt Buffer (Inverter)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC9151P データシート(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC9151P Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC9151P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VHC9151P/FT/FK,9152P/FT/FK
2010-08-31
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC9151P,TC74VHC9151FT,TC74VHC9151FK
TC74VHC9152P,TC74VHC9152FT,TC74VHC9152FK
TC74VHC9151P/FT/FK 9-Bit Schmitt Buffer
TC74VHC9152P/FT/FK 9-Bit Schmitt Inverter
The TC74VHC9151/9152 are an ultra-high-speed 9-bit Schmitt
Buffer / Inverter fabricated using silicon-gate CMOS technology.
The TC74VHC9151/9152 combines low power consumption of
CMOS with Schottky TTL speeds.
TC74VHC9151 output is a non-inverting type and the
TC74VHC9152 output is an inverting type.
All the inputs have hysteresis between the positive-going and
negative-going thresholds. Thus the TC74VHC9151/9152 are
capable of squaring up transitions of slowly changing input
signals and provides an improved noise immunity.
Additionally, all the inputs have a newly developed protection
circuit without a diode returned to VCC. This enables the inputs
to be tolerant of up to 5 volts even when power supply is down.
The input power-down protection capability makes the
TC74VHC9151/9152 ideal for a wide range of applications, such
as interfacing between different voltages, voltage translation
from 5 V to 3 V and battery back-up circuits.
Features
• High speed: tpd = 3.6 ns (typ.) (VCC = 5 V)
• Low supply current: ICC = 4 μA (max) (Ta = 25°C)
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• All inputs are provided with power-down protection.
• Symmetrical rise and fall delays: tpLH ≈ tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
TC74VHC9151P,TC74VHC9152P
TC74VHC9151FT,TC74VHC9152FT
TC74VHC9151FK,TC74VHC9152FK
Weight
DIP20-P-300-2.54A
: 1.30 g ( typ.)
TSSOP20-P-0044-0.65A
: 0.08 g ( typ.)
VSSOP20-P-0030-0.50
: 0.03 g ( typ.)


同様の部品番号 - TC74VHC9151P

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC9125FK TOSHIBA-TC74VHC9125FK Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9125FT TOSHIBA-TC74VHC9125FT Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9125P TOSHIBA-TC74VHC9125P Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9126FK TOSHIBA-TC74VHC9126FK Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9126FT TOSHIBA-TC74VHC9126FT Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
More results

同様の説明 - TC74VHC9151P

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74ALVC1G14 RENESAS-HD74ALVC1G14 Datasheet
80Kb / 10P
   Schmitt-trigger Inverter Buffer
HD74ALVC1G14 RENESAS-HD74ALVC1G14_15 Datasheet
105Kb / 12P
   Schmitt-trigger Inverter Buffer
RD74LVC1G14 RENESAS-RD74LVC1G14 Datasheet
2Mb / 8P
   Schmitt-trigger Inverter Buffer
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
94Kb / 5P
   9-BIT BUFFER
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
94Kb / 4P
   9-BIT BUFFER
1996 REV 2
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
   9-BIT BUFFER
SY100S322 MICREL-SY100S322_06 Datasheet
83Kb / 6P
   9-BIT BUFFER
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
   9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
   9-BIT BUFFER
logo
Micrel Semiconductor
SY10E122 MICREL-SY10E122_06 Datasheet
59Kb / 4P
   9-BIT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com