データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VHCT04AFT データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TC74VHCT04AFT
部品情報  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT04AFT データシート(HTML) 3 Page - Toshiba Semiconductor

  TC74VHCT04AFT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74VHCT04AF/AFT/AFK
2012-02-29
3
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5 to 5.5
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 2)
Output voltage
VOUT
0 to VCC
(Note 3)
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 20
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: VCC = 0 V
Note 3: High or low state.
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
4.5 to 5.5
2.0
2.0
V
Low-level input
voltage
VIL
4.5 to 5.5
0.8
0.8
V
IOH = −50 μA
4.5
4.40
4.50
4.40
High-level output
voltage
VOH
VIN = VIL
IOH = −8 mA
4.5
3.94
3.80
V
IOL = 50 μA
4.5
0.0
0.1
0.1
Low-level output
voltage
VOL
VIN = VIH
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA
Quiescent supply
current
ICCT
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.50
mA
Output leakage
current
IOPD
VOUT = 5.5 V
0
0.5
5.0
μA


同様の部品番号 - TC74VHCT04AFT_12

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHCT04AFT TOSHIBA-TC74VHCT04AFT Datasheet
235Kb / 6P
   HEX INVERTER
TC74VHCT04AFT TOSHIBA-TC74VHCT04AFT Datasheet
251Kb / 9P
   Hex Inverter
More results

同様の説明 - TC74VHCT04AFT_12

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com