データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCUA2221WBG データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TCUA2221WBG
部品情報  USB2.0 High-Speed and Audio Switch with Negative Signal Capability (With Pop Sound Eliminator at Audio Switch)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCUA2221WBG データシート(HTML) 1 Page - Toshiba Semiconductor

  TCUA2221WBG Datasheet HTML 1Page - Toshiba Semiconductor TCUA2221WBG Datasheet HTML 2Page - Toshiba Semiconductor TCUA2221WBG Datasheet HTML 3Page - Toshiba Semiconductor TCUA2221WBG Datasheet HTML 4Page - Toshiba Semiconductor TCUA2221WBG Datasheet HTML 5Page - Toshiba Semiconductor TCUA2221WBG Datasheet HTML 6Page - Toshiba Semiconductor TCUA2221WBG Datasheet HTML 7Page - Toshiba Semiconductor TCUA2221WBG Datasheet HTML 8Page - Toshiba Semiconductor TCUA2221WBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TCUA221WBG,TCUA2221WBG
2012-01-23
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCUA221WBG, TCUA2221WBG
TCUA221WBG:USB2.0 High-Speed and Audio Switch with Negative Signal Capability
TCUA2221WBG:USB2.0 High-Speed and Audio Switch with Negative Signal Capability
(With Pop Sound Eliminator at Audio Switch)
The TCUA221WBG and TCUA2221WBG are a dual SPDT
switch for combined USB2.0 High-Speed and Audio signals.
The Audio switch is designed to allow audio signals to swing
below ground.
When VBUS is High, the USB switchs (D+, D-) are selected,
regardless of the logic level of the Cont inputs. When VBUS is
Low or left open and Cont is Low, the Audio switches (R, L)
are selected.
The TCUA2221WBG also features shunt resisters on the
Audio path to reduce clicks and pop-noises.
All the inputs are protected against electrostatic discharge.
Features
• Operating voltage
:VCC = 2.3 ~ 3.6 V
• ON-capacitance (D+, D-) : CI/O = 7pF Switch On (typ.)@
VCC = 3.3 V
• ON-resistance (D+, D-)
: RON = 5.5 Ω (typ.)@VCC = 3 V, VIS = 0 V
• ON-resistance (R, L)
: RON = 4.5 Ω (typ.)@VCC = 3 V, VIS = 0 V
• RON Flatness(R, L)
: RON Flatness = 2 Ω(typ.)@VCC = 3 V
• ESD performance
: Machine model ≥ ± 200V
Human body model ≥ ± 2000V
• Package
: WCSP10B(1.2mm x 1.6mm)
Pin Assignment (top view)
TCUA221WBG, TCUA2221WBG
S-UFBGA10-0202-0.40-001
Weight
S-UFBGA10-0202-0.40-001 : 0.0025 g (typ.)
1
2
3
A
D+
VCC
VBUS
B
D
No Ball
COM+
C
R
No Ball
COM
D
L
GND
Cont
A
B
C
D
1
2
3


同様の部品番号 - TCUA2221WBG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
More results

同様の説明 - TCUA2221WBG

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA801 FAIRCHILD-FSA801 Datasheet
581Kb / 12P
   USB2.0 High-Speed (480 Mbps), UART, and Audio Switch with Negative Signal Capability
logo
ON Semiconductor
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
   Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FSA201_0704 FAIRCHILD-FSA201_0704 Datasheet
1Mb / 21P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com