データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCUA221WBG データシート(PDF) 7 Page - Toshiba Semiconductor

部品番号 TCUA221WBG
部品情報  USB2.0 High-Speed and Audio Switch with Negative Signal Capability (With Pop Sound Eliminator at Audio Switch)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCUA221WBG データシート(HTML) 7 Page - Toshiba Semiconductor

Back Button TCUA221WBG Datasheet HTML 3Page - Toshiba Semiconductor TCUA221WBG Datasheet HTML 4Page - Toshiba Semiconductor TCUA221WBG Datasheet HTML 5Page - Toshiba Semiconductor TCUA221WBG Datasheet HTML 6Page - Toshiba Semiconductor TCUA221WBG Datasheet HTML 7Page - Toshiba Semiconductor TCUA221WBG Datasheet HTML 8Page - Toshiba Semiconductor TCUA221WBG Datasheet HTML 9Page - Toshiba Semiconductor TCUA221WBG Datasheet HTML 10Page - Toshiba Semiconductor TCUA221WBG Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TCUA221WBG,TCUA2221WBG
2012-01-23
7
ACTEST Circuit Load / Waveform
Head,Man
Figure1 Propagation Delay Time (tPLH, tPHL)
VOL
VOH
0.4V
0.8V
50%
50%
tPLH
tPHL
Input
(COM+, COM-)
Output
(D+, D-)
50%
50%
Figure2 Turn ON / Turn OFF (ton toff)
Output
COM+,
COM-
D+, D-
Control
GND
R, L
VBUS
5V
VCC
Input
VOL
VOH
0V
1.8V
50%
ton
toff
Input
(VBUS or Head or Man)
Output
(D+, D-, R, L)
90%
50%
90%
Output
COM+,
COM-
D+, D-
Control
R,L
VBUS
Head,
Man
VCC
VCC
Input


同様の部品番号 - TCUA221WBG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
More results

同様の説明 - TCUA221WBG

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA801 FAIRCHILD-FSA801 Datasheet
581Kb / 12P
   USB2.0 High-Speed (480 Mbps), UART, and Audio Switch with Negative Signal Capability
logo
ON Semiconductor
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
   Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FSA201_0704 FAIRCHILD-FSA201_0704 Datasheet
1Mb / 21P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com