データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5601BKSZ-500RL7 データシート(PDF) 7 Page - Analog Devices

部品番号 AD5601BKSZ-500RL7
部品情報  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5601BKSZ-500RL7 データシート(HTML) 7 Page - Analog Devices

Back Button AD5601BKSZ-500RL7 Datasheet HTML 3Page - Analog Devices AD5601BKSZ-500RL7 Datasheet HTML 4Page - Analog Devices AD5601BKSZ-500RL7 Datasheet HTML 5Page - Analog Devices AD5601BKSZ-500RL7 Datasheet HTML 6Page - Analog Devices AD5601BKSZ-500RL7 Datasheet HTML 7Page - Analog Devices AD5601BKSZ-500RL7 Datasheet HTML 8Page - Analog Devices AD5601BKSZ-500RL7 Datasheet HTML 9Page - Analog Devices AD5601BKSZ-500RL7 Datasheet HTML 10Page - Analog Devices AD5601BKSZ-500RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5601/AD5611/AD5621
Rev. F | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Typical AD5621 INL
Figure 6. Typical AD5611 INL
Figure 7. Typical AD5601 INL
Figure 8. AD5621 Total Unadjusted Error (TUE)
Figure 9. AD5611 Total Unadjusted Error (TUE)
Figure 10. AD5601 Total Unadjusted Error (TUE)
–1.0
–0.5
0
0.5
1.0
DAC CODE
64
564
1064
1564
2064
2564
3064
3564
4064
VDD = VREF = 5V
TA = 25°C
0
16
116
216
316
416
516
616
716
816
916
DAC CODE
VDD = VREF = 5V
TA = 25°C
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
4
54
104
154
204
DAC CODE
VDD = VREF = 5V
TA = 25°C
–0.100
–0.075
–0.050
–0.025
0.025
0.050
0.075
0.100
–2.5
–1.5
–0.5
0.5
1.5
2.5
64
564
1064
1564
2064
2564
3064
3564
DAC CODE
0
1.0
2.0
–2.0
–1.0
VDD = VREF = 5V
TA = 25°C
4064
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
16
116
216
316
416
516
616
716
816
916
DAC CODE
VDD = VREF = 5V
TA = 25°C
–0.20
–0.15
–0.10
–0.05
0.05
0.10
0.15
0.20
4
54
104
154
204
DAC CODE
0
VDD = VREF = 5V
TA = 25°C


同様の部品番号 - AD5601BKSZ-500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5601BKSZ-500RL7 AD-AD5601BKSZ-500RL7 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601BKSZ-500RL7 AD-AD5601BKSZ-500RL7 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

同様の説明 - AD5601BKSZ-500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5602 AD-AD5602 Datasheet
563Kb / 24P
   2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
REV. B
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com