データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM16LC03 データシート(PDF) 8 Page - Protek Devices

部品番号 SM16LC03
部品情報  500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM16LC03 データシート(HTML) 8 Page - Protek Devices

  SM16LC03_12 Datasheet HTML 1Page - Protek Devices SM16LC03_12 Datasheet HTML 2Page - Protek Devices SM16LC03_12 Datasheet HTML 3Page - Protek Devices SM16LC03_12 Datasheet HTML 4Page - Protek Devices SM16LC03_12 Datasheet HTML 5Page - Protek Devices SM16LC03_12 Datasheet HTML 6Page - Protek Devices SM16LC03_12 Datasheet HTML 7Page - Protek Devices SM16LC03_12 Datasheet HTML 8Page - Protek Devices SM16LC03_12 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05051.R14 10/12
Page 8
SM16LC03 - SM16LC36C
TAPE AND REEL
ORDERING INFORMATION
BASE PART NUMBER
(xx = Voltage)
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
SM16LCxx/SM16LCxxC
-LF
-T7
1,000
7”
48
SM16LCxx/SM16LCxxC
-LF
-T13
2,500
13”
48
This device is only available in a Lead-Free configuration.
SPECIFICATIONS
REEL DIA.
TAPE
WIDTh
A0
B0
k0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
16mm 6.50 ± 0.10 10.30 ± 0.10 2.10 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 16.00 ± 0.30 4.00 ± 0.12 2.00 ± 0.10 4.00 ± 0.10
0.25
NOTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 1,000 pieces per 16mm tape.
4. Suffix - T13 = 13” Reel - 2,500 pieces per 16mm tape.
5. Bulk product shipped in tubes of 48 pieces per tube.
6. Marking on Part - part number, date code, logo and pin one defined by dot on top of package.
Package outline per document number 06007.R3 1/11.
User Direction of Feed
t
K0
A0
P
D
P0
P2
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2


同様の部品番号 - SM16LC03_12

メーカー部品番号データシート部品情報
logo
Protek Devices
SM16LC03 PROTEC-SM16LC03_11 Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
More results

同様の説明 - SM16LC03_12

メーカー部品番号データシート部品情報
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_12 Datasheet
798Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA05C-6-LF PROTEC-PLCDA05C-6-LF Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_11 Datasheet
914Kb / 9P
   500 WATT MULTI-LINE CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
   500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
USB50803C PROTEC-USB50803C Datasheet
526Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_11 Datasheet
884Kb / 9P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com