データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM16LC36C データシート(PDF) 1 Page - Protek Devices

部品番号 SM16LC36C
部品情報  500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM16LC36C データシート(HTML) 1 Page - Protek Devices

  SM16LC36C Datasheet HTML 1Page - Protek Devices SM16LC36C Datasheet HTML 2Page - Protek Devices SM16LC36C Datasheet HTML 3Page - Protek Devices SM16LC36C Datasheet HTML 4Page - Protek Devices SM16LC36C Datasheet HTML 5Page - Protek Devices SM16LC36C Datasheet HTML 6Page - Protek Devices SM16LC36C Datasheet HTML 7Page - Protek Devices SM16LC36C Datasheet HTML 8Page - Protek Devices SM16LC36C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05051.R14 10/12
Page 1
SM16LC03 - SM16LC36C
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The SM16LCxx and SM16LCxxC Series are low capacitance multi-line transient voltage suppressor arrays that provides
board level protection for standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary
lightning and switching transients.
This series has a peak pulse power rating of 500 Watts for an 8/20µs waveshape. This device series meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectional and Bidirectional Configurations
• ESD Protection > 25 kilovolts
• Available in Multiple Voltages Ranging from 3.3V to 36V
• Protects up to 8 Lines
• Low Capacitance: 15pF
• RoHS Compliant
• REACH Compliant
APPLICATIONS
• Wireless Communication Circuits
• RS-422, RS-432 & RS-485
• Low Voltage ASICs
• Ethernet Interfaces
MEChANICAL ChARACTERISTICS
• Molded JEDEC SO-16 Package
• Approximate Weight: 0.15 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 16mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
PIN CONFIGURATIONS
SO-16 PACkAGE
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15
UNIDIRECTIONAL
BIDIRECTIONAL


同様の部品番号 - SM16LC36C

メーカー部品番号データシート部品情報
logo
Protek Devices
SM16LC36C PROTEC-SM16LC36C Datasheet
126Kb / 5P
   LOW CAPACITANCE TVS ARRAY
SM16LC36C PROTEC-SM16LC36C Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
More results

同様の説明 - SM16LC36C

メーカー部品番号データシート部品情報
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_12 Datasheet
798Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA05C-6-LF PROTEC-PLCDA05C-6-LF Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_11 Datasheet
914Kb / 9P
   500 WATT MULTI-LINE CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
   500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
USB50803C PROTEC-USB50803C Datasheet
526Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_11 Datasheet
884Kb / 9P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com