データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U0402FC3.3C データシート(PDF) 5 Page - Protek Devices

部品番号 U0402FC3.3C
部品情報  250W UMBUMPED FLIP CHIP TVS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

U0402FC3.3C データシート(HTML) 5 Page - Protek Devices

  U0402FC3.3C_12 Datasheet HTML 1Page - Protek Devices U0402FC3.3C_12 Datasheet HTML 2Page - Protek Devices U0402FC3.3C_12 Datasheet HTML 3Page - Protek Devices U0402FC3.3C_12 Datasheet HTML 4Page - Protek Devices U0402FC3.3C_12 Datasheet HTML 5Page - Protek Devices U0402FC3.3C_12 Datasheet HTML 6Page - Protek Devices U0402FC3.3C_12 Datasheet HTML 7Page - Protek Devices U0402FC3.3C_12 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05149.R8 10/12
Page 5
U0402FC3.3C - U0402FC36C
soldeR ReFlow inFoRmation
PRinted CiRCUit boaRd ReCommendations
PaRameteR
valUe
Pad Size on PCB
0.275mm
Pad Shape
Round
Pad Definition
Non-Solder Mask Defined Pads
Solder Mask Opening
0.325mm Round
Solder Stencil Thickness
0.150mm
Solder Stencil Aperture Opening (Laser cut, 5% tapered walls)
0.330mm Round
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance - Edge To Corner Ball
±50µm
Solder Ball Side Coplanarity (Only applies to bumped devices)
±20µm
Maximum Dwell Time Above Liquidous (183°C)
60 seconds
Soldering Maximum Temperature
270°C
t
P
30-60 seconds
Ramp-Up
15 seconds
(minimize)
solder-time
15-20 seconds
Ramp-down
Ramp-down
solder melt
(maximum temp)
maximum solder Reflow
(35-53°C above maximum solder melt temp)
Ramp-Up
Preheat
(stay below Flux activation temp)
ReCommended non-soldeR mask
deFined Pad illUstRation
non-solder mask defined Pad
0.275mm dia.
solder mask opening
0.325mm dia.
solder stencil opening
0.330mm dia.
ReqUiRements
Temperature:
T
P for Lead-Free (Sn/Ag/Cu): 260-270°C
Preheat time and temperature depends on solder paste and flux activa-
tion temperature, component size, weight, surface area and plating.


同様の部品番号 - U0402FC3.3C_12

メーカー部品番号データシート部品情報
logo
Protek Devices
U0402FC3.3C PROTEC-U0402FC3.3C_11 Datasheet
567Kb / 8P
   250w unbumped flip chip tvs array
More results

同様の説明 - U0402FC3.3C_12

メーカー部品番号データシート部品情報
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com