データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4135K データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TPD4135K
部品情報  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4135K データシート(HTML) 5 Page - Toshiba Semiconductor

  TPD4135K Datasheet HTML 1Page - Toshiba Semiconductor TPD4135K Datasheet HTML 2Page - Toshiba Semiconductor TPD4135K Datasheet HTML 3Page - Toshiba Semiconductor TPD4135K Datasheet HTML 4Page - Toshiba Semiconductor TPD4135K Datasheet HTML 5Page - Toshiba Semiconductor TPD4135K Datasheet HTML 6Page - Toshiba Semiconductor TPD4135K Datasheet HTML 7Page - Toshiba Semiconductor TPD4135K Datasheet HTML 8Page - Toshiba Semiconductor TPD4135K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPD4135K
2010-09-27
5
Equivalent Circuit of Input Pins
Internal circuit diagram of HU, HV, HW, LU, LV, LW input pins
Internal circuit diagram of RS pin
Internal circuit diagram of DIAG pin
HU/HV/HW
LU/LV/LW
2 k
Ω
2 k
Ω
To internal circuit
6.5 V
6.5 V
6.5 V
6.5 V
2 k
Ω
RS
4 k
Ω
5 pF
19.5 V
To internal circuit
442 k
Ω
VCC
DIAG
To internal circuit
26 V
250k
Ω


同様の部品番号 - TPD4135K

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

同様の説明 - TPD4135K

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com