データシートサーチシステム |
|
CXD3029R データシート(PDF) 54 Page - Sony Corporation |
|
CXD3029R データシート(HTML) 54 Page - Sony Corporation |
54 / 201 page – 54 – CXD3029R ENXS OE XSOE pin $A SOC2 $8 TXOUT $8 SOCT0 $8 SOCT1 CLOK pin SENS pin Command transfer clock input SENS serial data readout clock input Subcode-Q readout clock input Readout clock input of the spindle speed measurement result Various signal readout clock input Error rate readout clock input CD TEXT data readout clock input Readout clock input of shock-proof memory controller serial data High or low output SENS output∗1 Subcode-Q output Spindle speed measurement result output∗2 Various signal output∗3 Error rate output∗4 CD TEXT data output Shock-proof memory controller serial data output 1 1 1 1 1 1 1 1 $A8 SDTO OUT ∗ ∗ 0 0 0 0 0 1 H L L L L L L L ∗ 0 1 1 1 1 1 1 ∗ ∗ 0 0 0 0 1 ∗ ∗ ∗ 0 0 1 1 ∗ ∗ ∗ ∗ ∗ 1 0 1 ∗ ∗ ∗: don't care ∗1 See "§1-4. Description of SENS Signals" for the SENS output. ∗2 See Timing Chart 2-5 for the spindle speed measurement result. ∗3 The output signals are PER7 to PER0, FOK, GFS, LOCK, EMPH, ALOCK and VF9 to VF0. For details, see Timing Chart 2-4. ∗4 For the error rate timing, see Timing Chart 2-6. CKOUTSL2, CKOUTSL1: These bits select the clock output from the R4M pin. When the crystal is 16.9344MHz and XTSL = high, the output frequency is halved. CKOUTSL2 CKOUTSL1 Processing 4.2336MHz output 8.4672MHz (R8M) output 4.2336MHz (C4M) output Changes in CAV-W mode and variable pitch mode. 0 0 1 1 ∗ 0 1 0 1 ∗: preset DTSL1, DTSL0: These bits select the data output from the DOUT pin. In external mode, the data input through the LRCKI, BCKI and PCMDI pins is used. DOUT output in the following tables is valid when $34A commands DOUT EN1 and DOUT EN2 are both 1. In this case, see "$34A commands". When $34A commands DOUT EN1 and DOUT EN2 are both 0, see "§4-5-2. Digital Out from DA Interface Input". At this time, the data from the CD DSP is output from the DOUT pin with a subcode is added. SDSL2, SDSL1: These bits select the data input to the DAC block and the data output from the PCMD pin. SLDBBIN: This bit selects the data input to the DAC block and the data output from the PCMD and DOUT pins. |
同様の部品番号 - CXD3029R |
|
同様の説明 - CXD3029R |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |