データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6391 データシート(PDF) 10 Page - STMicroelectronics

部品番号 L6391
部品情報  High-voltage high and low side driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6391 データシート(HTML) 10 Page - STMicroelectronics

Back Button L6391 Datasheet HTML 6Page - STMicroelectronics L6391 Datasheet HTML 7Page - STMicroelectronics L6391 Datasheet HTML 8Page - STMicroelectronics L6391 Datasheet HTML 9Page - STMicroelectronics L6391 Datasheet HTML 10Page - STMicroelectronics L6391 Datasheet HTML 11Page - STMicroelectronics L6391 Datasheet HTML 12Page - STMicroelectronics L6391 Datasheet HTML 13Page - STMicroelectronics L6391 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
L6391
10/21
Doc ID 17892 Rev 1
5.2
DC operation
Table 8.
DC operation electrical characteristics (VCC = 15 V; TJ = + 25 °C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Vcc_hys
4
Vcc UV hysteresis
1.2
1.5
1.8
V
Vcc_thON
Vcc UV turn ON threshold
11.5
12
12.5
V
Vcc_thOFF
Vcc UV turn OFF threshold
10
10.5
11
V
Iqccu
Undervoltage quiescent
supply current
Vcc = 9.5 V
SD = 5 V; LIN = 5 V;
HIN = GND;
RDT = 0 Ω;
CP+=GND; CP-=5 V
100
150
μA
Iqcc
Quiescent current
Vcc = 15 V
SD = 5 V; LIN = 5 V;
HIN = GND;
RDT = 0 Ω;
CP+=GND; CP-=5 V
500
1000
μA
Bootstrapped supply voltage section (1)
VBO_hys
14-12
VBO UV hysteresis
1.2
1.5
1.8
V
VBO_thON
VBO UV turn ON threshold
10.6
11.5
12.4
V
VBO_thOFF
VBO UV turn OFF threshold
9.1
10
10.9
V
IQBOU
Undervoltage VBO quiescent
current
VBO = 9 V
SD = 5 V; LIN and
HIN = 5 V;
RDT = 0 Ω;
CP+=GND; CP-=5 V
70
110
μA
IQBO
VBO quiescent current
VBO = 15 V
SD = 5 V; LIN and
HIN = 5 V;
RDT = 0 Ω;
CP+=GND; CP-=5 V
200
μA
ILK
High voltage leakage current Vhvg = Vout = Vboot = 600 V
10
μA
RDS(on)
Bootstrap driver on
resistance (2)
LVG ON
120
Ω
Driving buffers section
Iso
10,
13
High/low side source short
circuit current
VIN = Vih (tp < 10 μs)
200
290
mA
Isi
High/low side sink short
circuit current
VIN = Vil (tp < 10 μs)
250
430
mA


同様の部品番号 - L6391

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6390 STMICROELECTRONICS-L6390 Datasheet
473Kb / 22P
   High-voltage high and low side driver
L6390D STMICROELECTRONICS-L6390D Datasheet
473Kb / 22P
   High-voltage high and low side driver
L6390D013TR STMICROELECTRONICS-L6390D013TR Datasheet
473Kb / 22P
   High-voltage high and low side driver
L6390 STMICROELECTRONICS-L6390_12 Datasheet
725Kb / 26P
   High-voltage high/low-side driver
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
   High-voltage high and low side driver
More results

同様の説明 - L6391

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com