データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA333W データシート(PDF) 8 Page - STMicroelectronics

部品番号 STA333W
部品情報  2-channel high-efficiency digital audio system Sound Terminal?
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W データシート(HTML) 8 Page - STMicroelectronics

Back Button STA333W_10 Datasheet HTML 4Page - STMicroelectronics STA333W_10 Datasheet HTML 5Page - STMicroelectronics STA333W_10 Datasheet HTML 6Page - STMicroelectronics STA333W_10 Datasheet HTML 7Page - STMicroelectronics STA333W_10 Datasheet HTML 8Page - STMicroelectronics STA333W_10 Datasheet HTML 9Page - STMicroelectronics STA333W_10 Datasheet HTML 10Page - STMicroelectronics STA333W_10 Datasheet HTML 11Page - STMicroelectronics STA333W_10 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Pin description
STA333W
8/49
Doc ID 13365 Rev 2
2
Pin description
2.1
Pin out
Figure 2.
Pin connection (package top view)
2.2
Pin list
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VDD_DIG
GND_DIG
SCL
SDA
INT_LINE
RESET
SDI
LRCKI
BICKI
XTI
GND_PLL
FILTER_PLL
VDD_PLL
PWRDN
GND_DIG
VDD_DIG
N.C.
N.C.
GND_SUB
SA
TEST_MODE
VSS
VCC_REG
OUT2B
GND2
VCC2
OUT2A
OUT1B
VCC1
GND1
OUT1A
GND_REG
VDD_REG
CONFIG
N.C.
N.C.
D05AU1638
EP
exposed pad (down)
Connect to ground
Table 2.
Pin description
Number
Type
Name
Description
1
PWR
GND_SUB
Substrate ground
2I
SA
I2C select address
3
I
TEST_MODE
This pin must be connected to ground
4
I/O
VSS
Internal reference at VCC - 3.3 V
5
I/O
VCC_REG
Internal VCC reference
6
O
OUT2B
Output half bridge 2B
7
PWR
GND2
Power negative supply
8
PWR
VCC2
Power positive supply
9
O
OUT2A
Output half bridge 2A


同様の部品番号 - STA333W_10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STA333W13TR STMICROELECTRONICS-STA333W13TR Datasheet
660Kb / 42P
   2-channel high-efficiency digital audio system
More results

同様の説明 - STA333W_10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STA333ML STMICROELECTRONICS-STA333ML Datasheet
205Kb / 15P
   Sound Terminal TM 2 channel microless high efficiency digital audio system
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
   Sound Terminal® 2.1-channel high-efficiency digital audio system
April 2013 DocID024543 Rev 1
STA333ML STMICROELECTRONICS-STA333ML_08 Datasheet
181Kb / 14P
   Sound TerminaTM 2-channel microless high-efficiency digital audio system
STA335ML STMICROELECTRONICS-STA335ML Datasheet
1Mb / 20P
   2-channel microless high-efficiency digital audio system Sound Terminal짰
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
   2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
   2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
   STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com