データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA510A データシート(PDF) 6 Page - STMicroelectronics

部品番号 STA510A
部品情報  44-volt, 5.5-amp, quad power half bridge
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510A データシート(HTML) 6 Page - STMicroelectronics

Back Button STA510A Datasheet HTML 2Page - STMicroelectronics STA510A Datasheet HTML 3Page - STMicroelectronics STA510A Datasheet HTML 4Page - STMicroelectronics STA510A Datasheet HTML 5Page - STMicroelectronics STA510A Datasheet HTML 6Page - STMicroelectronics STA510A Datasheet HTML 7Page - STMicroelectronics STA510A Datasheet HTML 8Page - STMicroelectronics STA510A Datasheet HTML 9Page - STMicroelectronics STA510A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical specifications
STA510A
6/17
Doc ID 11077 Rev 2
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Recommended operating conditions
(*) performances not guaranteed beyond recommended operating conditions
3.3
Thermal data
The power dissipated within the device depends primarily on the supply voltage, load
impedance and output modulation level. The PowerSO36 package of the STA510A includes
an exposed pad or slug on the top of the device to provide a direct thermal path from the die
to the heatsink.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VCC
DC supply voltage (pins 4,7,12,15)
-
-
44
V
Vmax
Maximum voltage on pins 23 to 32
-
-
5.5
V
Top
Operating temperature range
-
-
90
°C
Ptot
Power dissipation (Tcase = 70 °C)
-
-
21
W
Tstg
Storage temperature
-40
-
150
°C
Tj
Junction operating temperature
-40
-
150
°C
Table 4.
Recommended operating conditions (*)
Symbol
Parameter
Min
Typ
Max
Unit
VCC
DC supply voltage
10
-
39.0
V
VL
Input logic reference
2.7
3.3
5.0
V
Tamb
Ambient temperature
0
-
70
°C
Table 5.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Tj-case
Thermal resistance junction to case (thermal pad)
-
1
2.5
°C/W
TjSD
Thermal shut-down junction temperature
-
150
-
°C
Twarn
Thermal warning temperature
-
130
-
°C
thSD
Thermal shut-down hysteresis
-
25
-
°C


同様の部品番号 - STA510A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
   140W MONO BASH POWER AMPLIFIER
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
   44-V, 5.5-A, quad power half bridge
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
   44-V, 5.5-A, quad power half-bridge
More results

同様の説明 - STA510A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
   44-V, 5.5-A, quad power half bridge
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
   44-V, 5.5-A, quad power half-bridge
STA516B STMICROELECTRONICS-STA516B_10 Datasheet
212Kb / 17P
   65-volt, 7.5-amp, quad power half bridge
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 14P
   40-volt, 3-amp, quad power half bridge
STA533WF STMICROELECTRONICS-STA533WF_11 Datasheet
258Kb / 15P
   18-volt, 3-amp, quad power half-bridge
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
   40V 3.5A QUAD POWER HALF BRIDGE
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com