データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA516B データシート(PDF) 1 Page - STMicroelectronics

部品番号 STA516B
部品情報  65-volt, 7.5-amp, quad power half bridge
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA516B データシート(HTML) 1 Page - STMicroelectronics

  STA516B_10 Datasheet HTML 1Page - STMicroelectronics STA516B_10 Datasheet HTML 2Page - STMicroelectronics STA516B_10 Datasheet HTML 3Page - STMicroelectronics STA516B_10 Datasheet HTML 4Page - STMicroelectronics STA516B_10 Datasheet HTML 5Page - STMicroelectronics STA516B_10 Datasheet HTML 6Page - STMicroelectronics STA516B_10 Datasheet HTML 7Page - STMicroelectronics STA516B_10 Datasheet HTML 8Page - STMicroelectronics STA516B_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2010
Doc ID 13183 Rev 4
1/17
17
STA516B
65-volt, 7.5-amp, quad power half bridge
Features
! Low input/output pulse-width distortion
! 200 m
Ω RdsON complementary DMOS output
stage
! CMOS-compatible logic inputs
! Thermal protection
! Thermal warning output
! Undervoltage protection
Description
STA516B is a monolithic quad half-bridge stage in
Multipower BCD Technology. The device can be
used as dual bridge or reconfigured, by
connecting pin CONFIG to pins VDD, as a single
bridge with double-current capability or as a half
bridge (binary mode) with half-current capability.
The device is intended for the output stage of a
stereo all-digital high-efficiency amplifier. It is
capable of delivering 200 W + 200 W into 6-
loads with THD = 10% at VCC = 51 V or, in single
BTL configuration, 400 W into a 3-
Ω load with
THD = 10% at VCC = 52 V.
The input pins have a threshold proportional to
the voltage on pin VL.
The STA516B is aimed at audio amplifiers in Hi-Fi
applications, such as home theatre systems,
active speakers and docking stations.
It comes in a 36-pin PowerSO package with
exposed pad up (EPU).
PowerSO36 package
with exposed pad up
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STA516B
0 to 90 °C
PowerSO36 EPU
Tube
STA516B13TR
0 to 90 °C
PowerSO36 EPU
Tape and reel
www.st.com


同様の部品番号 - STA516B_10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STA516BE13TR STMICROELECTRONICS-STA516BE13TR Datasheet
460Kb / 20P
   500 W FFX digital amplifier power stage
April 2014 Rev 1
More results

同様の説明 - STA516B_10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STA510A STMICROELECTRONICS-STA510A Datasheet
367Kb / 17P
   44-volt, 5.5-amp, quad power half bridge
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 14P
   40-volt, 3-amp, quad power half bridge
STA533WF STMICROELECTRONICS-STA533WF_11 Datasheet
258Kb / 15P
   18-volt, 3-amp, quad power half-bridge
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
   40V 3.5A QUAD POWER HALF BRIDGE
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
   40V 4.5A QUAD POWER HALF BRIDGE
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
   40V 4.5A QUAD POWER HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com