データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA540 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STA540
部品情報  4 x 13 W dual/quad power amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 データシート(HTML) 7 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 3Page - STMicroelectronics STA540_12 Datasheet HTML 4Page - STMicroelectronics STA540_12 Datasheet HTML 5Page - STMicroelectronics STA540_12 Datasheet HTML 6Page - STMicroelectronics STA540_12 Datasheet HTML 7Page - STMicroelectronics STA540_12 Datasheet HTML 8Page - STMicroelectronics STA540_12 Datasheet HTML 9Page - STMicroelectronics STA540_12 Datasheet HTML 10Page - STMicroelectronics STA540_12 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STA540
Block diagram and pin description
Doc ID 13907 Rev 6
7/25
1.2
Pin description
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Name
Type
Function
1
OUT1
OUT
Channel 1 output
2
OUT2
OUT
Channel 2 output
3
VCC1
PWR
Power supply
4
IN1
IN
Channel 1 input
5
IN2
IN
Channel 2 input
6
SVR
IN
Supply voltage rejection
7
ST-BY
IN
Standby control pin
8
P-GND
PWR
Power ground
9
S-GND
PWR
Signal ground
10
DIAGNOSTICD
OUT
Diagnostics output
11
IN4
IN
Channel 4 input
12
IN3
IN
Channel 3 input
13
VCC2
PWR
Power supply
14
OUT4
OUT
Channel 4 output
15
OUT3
OUT
Channel 3 output
1
2
3
4
5
6
7
9
10
11
8
IN4
DIAGNOSTICD
S-GND
PW-GND
STAND-BY
SVR
IN2
IN1
VCC
OUT2
OUT1
13
14
15
12
OUT3
OUT4
VCC
IN3
D06au1631
OUT3
OUT4
VCC2
IN3
IN4
DIAGNOSTICD
S-GND
P-GND
ST-BY
SVR
IN2
IN1
VCC1
OUT2
OUT1


同様の部品番号 - STA540_12

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
   4 x 10-watt dual/quad power amplifier
December 2010
STA540SAN STMICROELECTRONICS-STA540SAN Datasheet
698Kb / 26P
   4 x 10-watt dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
   4 x 13 W dual/quad power amplifier
April 2012
More results

同様の説明 - STA540_12

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
   4 x 13 W dual/quad power amplifier
April 2012
logo
NXP Semiconductors
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
   4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
   4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
   4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
logo
M/A-COM Technology Solu...
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
   Power Amplifier, 13 W
logo
STMicroelectronics
STA540SAN STMICROELECTRONICS-STA540SAN Datasheet
698Kb / 26P
   4 x 10-watt dual/quad power amplifier
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
   4 x 10-watt dual/quad power amplifier
December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com