データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7265B データシート(PDF) 11 Page - STMicroelectronics

部品番号 TDA7265B
部品情報  30 W 30 W stereo amplifier with mute and standby
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7265B データシート(HTML) 11 Page - STMicroelectronics

Back Button TDA7265B Datasheet HTML 7Page - STMicroelectronics TDA7265B Datasheet HTML 8Page - STMicroelectronics TDA7265B Datasheet HTML 9Page - STMicroelectronics TDA7265B Datasheet HTML 10Page - STMicroelectronics TDA7265B Datasheet HTML 11Page - STMicroelectronics TDA7265B Datasheet HTML 12Page - STMicroelectronics TDA7265B Datasheet HTML 13Page - STMicroelectronics TDA7265B Datasheet HTML 14Page - STMicroelectronics TDA7265B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TDA7265B
Applications
Doc ID 022601 Rev 1
11/18
5
Applications
5.1
Stereo configuration circuit and PCB layout
Figure 12.
Test and application circuit (stereo configuration)
Figure 13.
Soldering side (bottom)
R3
IN (L)
C1
R2
C3
MUTE/
ST-BY
GND
IN (R)
C2
R7
R10
C8
C9
OUT (L)
OUT (R)
C6
C4
+VS
3
5
7
9
6
11
2
4
+
+
-
-
D94AU087B
RL (L)
RL (R)
+VS
-VS
R9
R5
IN- (L)
8
10
IN- (R)
1
SW1
R1
DZ
R4
SW2
C7
R8
R6
C5
Q1
ST-BY
MUTE


同様の部品番号 - TDA7265B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
   25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
   25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
   25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
Unisonic Technologies
TDA7265G-J11-A-T UTC-TDA7265G-J11-A-T Datasheet
244Kb / 8P
   25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265G-J11-A-T UTC-TDA7265G-J11-A-T Datasheet
294Kb / 9P
   25W STEREO AMPLIFIER WITH MUTE STAND-BY
More results

同様の説明 - TDA7265B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
   40 W 40 W stereo amplifier with mute and standby
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725 Datasheet
44Kb / 3P
   2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TAS5122 TI-TAS5122_15 Datasheet
768Kb / 25P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com