データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2007 データシート(PDF) 8 Page - STMicroelectronics

部品番号 TS2007
部品情報  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 データシート(HTML) 8 Page - STMicroelectronics

Back Button TS2007_11 Datasheet HTML 4Page - STMicroelectronics TS2007_11 Datasheet HTML 5Page - STMicroelectronics TS2007_11 Datasheet HTML 6Page - STMicroelectronics TS2007_11 Datasheet HTML 7Page - STMicroelectronics TS2007_11 Datasheet HTML 8Page - STMicroelectronics TS2007_11 Datasheet HTML 9Page - STMicroelectronics TS2007_11 Datasheet HTML 10Page - STMicroelectronics TS2007_11 Datasheet HTML 11Page - STMicroelectronics TS2007_11 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Electrical characteristics
TS2007
8/29
Doc ID 13123 Rev 4
Table 6.
VCC = +4.2 V, GND = 0 V, Vic=2.1 V, Tamb = 25 °C (unless otherwise specified)
(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
2.1
3
mA
ICC-STBY
Standby current (2)
No input signal, VSTBY = GND
10
1000
nA
Voo
Output offset voltage
Floating inputs, RL = 8 Ω
25
mV
Po
Output power
THD = 1% max, f = 1 kHz, RL = 4 Ω
THD = 1% max, f = 1 kHz, RL = 8 Ω
THD = 10% max, f = 1 kHz, RL = 4 Ω
THD = 10% max, f = 1 kHz, RL = 8 Ω
1.6
0.95
1.95
1.1
W
THD + N
Total harmonic distortion + noise
Po = 800 mWRMS, G = 6 dB, f =1 kHz, RL = 8 Ω
0.45
%
Efficiency
Efficiency
Po = 1.5 WRMS, RL = 4 Ω (with LC output filter)
Po = 0.95 WRMS, RL = 8 Ω (with LC output filter)
85
90
%
PSRR
Power supply rejection ratio with inputs grounded, Cin = 1 µF
(3)
f = 217 Hz, RL = 8 Ω, Gain = 6 dB,Vripple = 200 mVpp
f = 217 Hz, RL = 8 Ω, Gain = 12 dB, Vripple = 200 mVpp
63
60
dB
CMRR
Common mode rejection ratio 20 Hz < f < 20 kHz
60
dB
Gain
Gain value
GS = 0 V
GS = VCC
11.5
5.5
12
6
12.5
6.5
dB
Zin
Single input impedance (4)
68
75
82
k
Ω
FPWM
Pulse width modulator base frequency
190
280
370
kHz
SNR
Signal-to-noise ratio (A-weighting)
Po=1.2 W, RL=4 Ω (with LC output filter)
93
dB
tWU
Wake-up time
5
10
ms
tSTBY
Standby time
5
ms
VN
Output voltage noise f = 20 Hz to 20 kHz, RL=4 Ω
Unweighted (Filterless, G=6 dB)
A-weighted (Filterless, G=6 dB)
Unweighted (with LC output filter, G=6 dB)
A-weighted (with LC output filter, G=6 dB)
Unweighted (Filterless, G=12 dB)
A-weighted (Filterless, G=12 dB)
Unweighted (with LC output filter, G=12 dB)
A-weighted (with LC output filter, G=12 dB)
72
50
68
49
93
65
85
64
μVRMS
1.
All electrical values are guaranteed with correlation measurements at 2.4 V and 5 V.
2.
Standby mode is active when VSTBY is tied to GND.
3.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinus signal to VCC @ f = 217 Hz.
4.
Independent of Gain configuration (6 or 12 dB) and between IN+ or IN- and GND.


同様の部品番号 - TS2007_11

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS2007EIJT STMICROELECTRONICS-TS2007EIJT Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007EKIJT STMICROELECTRONICS-TS2007EKIJT Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007IQT STMICROELECTRONICS-TS2007IQT Datasheet
466Kb / 29P
   3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
More results

同様の説明 - TS2007_11

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007 STMICROELECTRONICS-TS2007 Datasheet
466Kb / 29P
   3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
STEVAL-CCA012V1 STMICROELECTRONICS-STEVAL-CCA012V1 Datasheet
107Kb / 4P
   3 W filter-free class-D audio amplifier demonstration board with 6-12 dB fixed gain select based on the TS2007
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS2012 STMICROELECTRONICS-TS2012 Datasheet
376Kb / 30P
   Filter-free stereo 2x2.8W class D audio power amplifer
TS2012FC STMICROELECTRONICS-TS2012FC Datasheet
598Kb / 31P
   Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com