データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS15L30CDJF データシート(PDF) 6 Page - STMicroelectronics

部品番号 STPS15L30CDJF
部品情報  Low drop power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L30CDJF データシート(HTML) 6 Page - STMicroelectronics

  STPS15L30CDJF Datasheet HTML 1Page - STMicroelectronics STPS15L30CDJF Datasheet HTML 2Page - STMicroelectronics STPS15L30CDJF Datasheet HTML 3Page - STMicroelectronics STPS15L30CDJF Datasheet HTML 4Page - STMicroelectronics STPS15L30CDJF Datasheet HTML 5Page - STMicroelectronics STPS15L30CDJF Datasheet HTML 6Page - STMicroelectronics STPS15L30CDJF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
STPS15L30CDJF
6/7
Doc ID 15664 Rev 4
Figure 12.
Tape and reel specifications
3
Ordering information
4
Revision history
Dot identifying Pin A1 location
User direction of unreeling
All dimensions are typical values in mm
4.0
8.0
6.30
2.0
Ø 1.55
Ø 1.5
0.20
1.20
0.30
R 0.50
Table 6.
Ordering information
Order code
Marking
Package
Weight Base qty
Delivery mode
STPS15L30CDJFTR
PS15 L30C
PowerFLAT 5x6
0.095 g
3000
Tape and reel
Table 7.
Document revision history
Date
Revision
Changes
13-May-2009
1
First issue.
09-Nov-2009
2
Updated Table 1.
30-Jul-2010
3
Replace Power QFN with PowerFLAT. Updated Figure 9.
18-May-2011
4
Added reference E in Table 5. Updated package graphics.
Removed dash from order code and updated marking in Table 6.
Added Figure 12.


同様の部品番号 - STPS15L30CDJF

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS15L30C STMICROELECTRONICS-STPS15L30C Datasheet
232Kb / 8P
   Low drop power Schottky rectifier
December 2015 Rev 4
STPS15L30CB STMICROELECTRONICS-STPS15L30CB Datasheet
67Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS15L30CB ISC-STPS15L30CB Datasheet
272Kb / 2P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS15L30CB-TR STMICROELECTRONICS-STPS15L30CB-TR Datasheet
67Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

同様の説明 - STPS15L30CDJF

メーカー部品番号データシート部品情報
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com