データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9337CKE100M データシート(PDF) 5 Page - RF Micro Devices

部品番号 9337CKE100M
部品情報  380W GaN WIDEBAND PULSED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

9337CKE100M データシート(HTML) 5 Page - RF Micro Devices

  9337CKE100M Datasheet HTML 1Page - RF Micro Devices 9337CKE100M Datasheet HTML 2Page - RF Micro Devices 9337CKE100M Datasheet HTML 3Page - RF Micro Devices 9337CKE100M Datasheet HTML 4Page - RF Micro Devices 9337CKE100M Datasheet HTML 5Page - RF Micro Devices 9337CKE100M Datasheet HTML 6Page - RF Micro Devices 9337CKE100M Datasheet HTML 7Page - RF Micro Devices 9337CKE100M Datasheet HTML 8Page - RF Micro Devices 9337CKE100M Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RF3928B
DS120503
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed-tuned Test Fixture (T=25°C, Unless
Noted)
14
12
10
8
6
4
2
0
8
9
10
11
12
13
14
15
2800
2900
3000
3100
3200
3300
3400
3500
Frequency (MHz)
Small Signal PerformanceversusFrequency, P
IN = 30dBm
(Pulsed 10% duty cycle,100μS,V
D =65V, IDQ = 440mA)
Gain
IRL
Fixed tuned test circuit
12
8
4
0
10
11
12
13
2800
2900
3000
3100
3200
3300
3400
3500
3600
Frequency (MHz)
Gain/IRL versus Frequency, P
IN =44dBm
(Pulsed10% duty cylce, 100μS, V
D = 65V, IDQ =440mA)
Gain
IRL
Fixed tuned test circuit
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
2800
2900
3000
3100
3200
3300
3400
3500
3600
Frequency (MHz)
Drain Efficiency versus Frequency, P
IN =44dBm
(Pulsed 10% duty cycle, 100μS, V
D =65V, IDQ = 440mA)
Eff
Fixed tuned test circuit
10
20
30
40
50
60
70
9
10
11
12
13
14
15
45
46
47
48
49
50
51
52
53
54
55
56
Output Power (dBm)
Gain/ Efficiency versus P
OUT , f= 3200MHz
(Pulsed 10% duty cycle, 100μS, V
D =65V, IDQ = 440mA)
Gain
Drain Eff


同様の部品番号 - 9337CKE100M

メーカー部品番号データシート部品情報
logo
RF Micro Devices
9337CKE100M RFMD-9337CKE100M Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
More results

同様の説明 - 9337CKE100M

メーカー部品番号データシート部品情報
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
logo
M/A-COM Technology Solu...
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P_15 Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01000P-V2 MA-COM-MAGX-000035-01000P-V2 Datasheet
1Mb / 10P
   GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com