データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS60SM200C データシート(PDF) 2 Page - STMicroelectronics

部品番号 STPS60SM200C
部品情報  Power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60SM200C データシート(HTML) 2 Page - STMicroelectronics

  STPS60SM200C Datasheet HTML 1Page - STMicroelectronics STPS60SM200C Datasheet HTML 2Page - STMicroelectronics STPS60SM200C Datasheet HTML 3Page - STMicroelectronics STPS60SM200C Datasheet HTML 4Page - STMicroelectronics STPS60SM200C Datasheet HTML 5Page - STMicroelectronics STPS60SM200C Datasheet HTML 6Page - STMicroelectronics STPS60SM200C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS60SM200C
2/7
Doc ID 018819 Rev 1
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
ΔT
j(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.58 x IF(AV) + 0.0037 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values per diode at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
Forward current rms
50
A
IF(AV)
Average forward current
δ = 0.5
Per diode,
δ = 0.5
Tc = 155 °C
30
A
per device,
δ = 0.5
Tc = 150 °C
60
IFSM
Surge non repetitive forward current tp = 10 ms sinusoidal, Tc = 25 °C
500
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (1)
-40 to + 175
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
<
1
Rth(j-a)
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
0.7
°C/W
Total
0.5
Rth(c)
Coupling
0.3
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
0.05
mA
Tj = 125 °C
6
13
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 7.5 A
0.67
0.70
V
Tj = 125 °C
0.51
0.55
Tj = 25 °C
IF = 15 A
0.73
0.77
Tj = 125 °C
0.57
0.61
Tj = 25 °C
IF = 30 A
0.79
0.83
Tj = 125 °C
0.64
0.69
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%


同様の部品番号 - STPS60SM200C

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
STPS60SM200C ISC-STPS60SM200C Datasheet
438Kb / 4P
   Schottky Barrier Rectifier
More results

同様の説明 - STPS60SM200C

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com