データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS140-Y データシート(PDF) 5 Page - STMicroelectronics

部品番号 STPS140-Y
部品情報  Automotive power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS140-Y データシート(HTML) 5 Page - STMicroelectronics

  STPS140-Y Datasheet HTML 1Page - STMicroelectronics STPS140-Y Datasheet HTML 2Page - STMicroelectronics STPS140-Y Datasheet HTML 3Page - STMicroelectronics STPS140-Y Datasheet HTML 4Page - STMicroelectronics STPS140-Y Datasheet HTML 5Page - STMicroelectronics STPS140-Y Datasheet HTML 6Page - STMicroelectronics STPS140-Y Datasheet HTML 7Page - STMicroelectronics STPS140-Y Datasheet HTML 8Page - STMicroelectronics STPS140-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STPS140-Y
Characteristics
Doc ID 17973 Rev 1
5/9
Figure 13.
Thermal resistance junction to ambient versus copper surface under each lead
(Epoxy printed circuit board FR4, copper thickness: 35 µm) (SMB)
012
345
0
20
40
60
80
100
120
S(Cu)(cm²)
R
(°C/W)
th(j-a)
P=1.5W


同様の部品番号 - STPS140-Y

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS140 STMICROELECTRONICS-STPS140 Datasheet
75Kb / 6P
   POWER SCHOTTKY RECTIFIER
July 1998 - Ed: 6B
STPS140 STMICROELECTRONICS-STPS140 Datasheet
70Kb / 7P
   POWER SCHOTTKY RECTIFIER
August 2004 REV. 8
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
   POWER SCHOTTKY RECTIFIER
July 1998 - Ed: 6B
STPS140A STMICROELECTRONICS-STPS140A Datasheet
70Kb / 7P
   POWER SCHOTTKY RECTIFIER
August 2004 REV. 8
STPS140U STMICROELECTRONICS-STPS140U Datasheet
75Kb / 6P
   POWER SCHOTTKY RECTIFIER
July 1998 - Ed: 6B
More results

同様の説明 - STPS140-Y

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
   Automotive power Schottky rectifier
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
   Automotive power Schottky rectifier
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
   Automotive power Schottky rectifier
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
   Automotive power Schottky rectifier
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
   Automotive power Schottky rectifier
December 2013 Rev 2
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
   Automotive power Schottky rectifier
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
   Automotive power Schottky rectifier
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com