データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1102-25EG5TP データシート(PDF) 10 Page - Touchstone Semiconductor Inc

部品番号 TS1102-25EG5TP
部品情報  A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1102-25EG5TP データシート(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS1102-25EG5TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1102-25EG5TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1102-25EG5TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1102-25EG5TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1102-25EG5TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1102-25EG5TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1102-25EG5TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1102-25EG5TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1102-25EG5TP Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS1102
Page 10
TS1102DS r1p0
RTFDS
low-pass filters in series with the current-sense
amplifier’s inputs only introduces additional offset
voltage and gain errors. To minimize or eliminate
altogether the need for external low-pass filters and
to maintain low input offset voltage and gain errors,
the TS1102 incorporates a 50-kHz (typ), 2
nd-order
differential low-pass filter as shown in the TS1102
’s
Block Diagram.
Optional Output Filter Capacitor
If the TS1102 is part of a signal acquisition system
where its OUT terminal is connected to the input of
an ADC with an internal, switched-capacitor track-
and-hold
circuit,
the
internal
track-and-
hold’s
sampling capacitor can cause voltage droop at VOUT.
A 22nF to 100nF good-quality ceramic capacitor
from the OUT terminal to GND forms a low-pass
filters with the TS1102
’s R
OUT and should be used to
minimize voltage droop (holding VOUT constant
during the sample interval. Using a capacitor on the
OUT terminal will also reduce the TS1102
’s small-
signal bandwidth as well as band-limiting amplifier
noise.
PC Board Layout and Power-Supply Bypassing
For optimal circuit performance, the TS1102 should
be in very close proximity to the external current-
sense resistor and the pcb tracks from RSENSE to
the RS+ and the RS- input terminals of the TS1102
should be short and symmetric. Also recommended
are a ground plane and surface mount resistors and
capacitors.
Using the TS1102 in Bidirectional Load Current
Applications
In many battery-powered systems, it is oftentimes
necessary to monitor a battery’s discharge and
charge
currents.
To
perform
this
function,
a
bidirectional current-sense amplifier is required. The
circuit illustrated in Figure 2 shows how two
TS1102s can be configured as a bidirectional
current-sense amplifier. As shown in the figure, the
RS+/RS- input pair of TS1102 #2 is wired opposite
in polarity with respect to the RS+/RS- connections
of TS1102 #1. Current-sense amplifier #1 therefore
measures the discharge current and current-sense
amplifier #2 measures the charge current. Note that
both output voltages are measured with respect to
GND.
When
the
discharge
current
is
being
measured, VOUT1 is active and VOUT2 is zero; for the
case where charge current is being measured, VOUT1
is zero, and VOUT2 is active.
Figure 2: Using Two TS1102s for Bidirectional Load Current Detection


同様の部品番号 - TS1102-25EG5TP

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1102-25EG5 SILABS-TS1102-25EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

同様の説明 - TS1102-25EG5TP

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
[Old version datasheet]   MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com