データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1102-25EG5T データシート(PDF) 8 Page - Touchstone Semiconductor Inc

部品番号 TS1102-25EG5T
部品情報  A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1102-25EG5T データシート(HTML) 8 Page - Touchstone Semiconductor Inc

Back Button TS1102-25EG5T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1102-25EG5T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1102-25EG5T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1102-25EG5T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1102-25EG5T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1102-25EG5T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1102-25EG5T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1102-25EG5T Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1102-25EG5T Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TS1102
Page 8
TS1102DS r1p0
RTFDS
or
S
L A
x RSE SE
R A
Since the FET’s drain terminal is connected to R
OUT,
the output voltage of the TS1102 at the OUT
terminal is, therefore;
V T
L A x RSE SE x
R T
R A
The current-
sense amplifier’s gain accuracy is
therefore the ratio match of ROUT to RGAIN. For each
of the four gain options available, Table 1 lists the
values for ROUT and RGAIN. The TS1102’s output
stage is protected against input overdrive by use of
an output current-limiting circuit of 3mA (typical) and
a 7V internal clamp protection circuit.
Table 1: Internal Gain Setting Resistors (Typical
Values)
GAIN (V/V)
RGAIN (Ω)
ROUT (Ω)
Part Number
25
400
10k
TS1102-25
50
200
10k
TS1102-50
100
100
10k
TS1102-100
200
100
20k
TS1102-200
To
achieve
its
very-low
input
offset
voltage
performance over temperature, VSENSE voltage,
and power supply voltage, the design of the
TS1102
’s
amplifier
is
chopper-stabilized,
a
commonly-used technique to reduce significantly the
input offset voltage of amplifiers. This method,
however,
does
employ
the
use
of
sampling
techniques and therefore residue of the TS1102
’s
10kHz internal clock is contained in the TS1102
’s
output voltage spectrum.
APPLICATIONS INFORMATION
Choosing the Sense Resistor
Selecting the optimal value for the external RSENSE
is based on the following criteria and for each
commentary follows:
1) RSENSE Voltage Loss
2) VOUT Swing vs. Applied Input Voltage at VRS+
and Desired VSENSE
3) Total ILOAD Accuracy
4) Circuit Efficiency and Power Dissipation
5) RSENSE Kelvin Connections
6) Sense Resistor Composition
1) RSENSE Voltage Loss
For lowest IR voltage loss in RSENSE, the smallest
usable value for RSENSE should be selected.
2) VOUT Swing vs. Applied Input Voltage at VRS+
and Desired VSENSE
As there is no separate power supply pin for the
TS1102, the circuit draws its power from the applied
voltage
at
both
its
RS+
and
RS-
terminals.
Therefore, the signal voltage at the OUT terminal is
bounded by the minimum supply voltage applied to
the TS1102.
Therefore,
VOUT(max) = VRS+(min) - VSENSE(max) – VOH(max)
and
RSE SE
V T max
A
L A
max
where the full-scale VSENSE should be less than
VOUT(MAX)/ A
at the application’s minimum RS+
terminal voltage. For best performance with a 3.6V
power supply, RSENSE should be chosen to
generate a VSENSE of: a) 120mV (for the 25V/V GAIN
option), b) 60mV (for the 50V/V GAIN option), c)
30mV (for the 100V/V GAIN option), or d) 15mV (for
the 200V/V GAIN option) at the full-scale ILOAD(MAX)
current in each application. For the case where the
minimum power supply voltage is higher than 3.6V,
each of the four full-scale VSENSEs above can be
increased.
3) Total ILOAD Accuracy
In
the
TS1102
’s
linear
region
where
VOUT < VOUT(MAX), there are two specifications related
to the circuit’s accuracy: a) the TS1102’s input offset
voltage (VOS = 200μV, max) and b) its gain error
(GE(max) = 0.5%).


同様の部品番号 - TS1102-25EG5T

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1102-25EG5 SILABS-TS1102-25EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

同様の説明 - TS1102-25EG5T

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
[Old version datasheet]   MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com