データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1103-25EG6TP データシート(PDF) 3 Page - Touchstone Semiconductor Inc

部品番号 TS1103-25EG6TP
部品情報  A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1103-25EG6TP データシート(HTML) 3 Page - Touchstone Semiconductor Inc

  TS1103-25EG6TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS1103
TS1103DS r1p0
Page 3
RTFDS
ELECTRICAL CHARACTERISTICS
VRS+ = 3.6V; VSENSE = (VRS+ - VRS-) = 0V; COUT = 47nF; VDD = 1.8V; TA = -40°C to +105°C, unless otherwise noted.
Typical values are at TA = +25°C. See Note 1.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current (Note 2)
ICC
TA = +25°C
0.68
0.85
μA
1.0
VRS+ = 25V
TA = +25°C
1.0
1.2
Common-Mode Input Range
VCM
Guaranteed by CMRR
2
25
V
CURRENT SENSE AMPLIFIER PARAMETERS
Common-Mode Rejection Ratio
CMRR
2V < VRS+ < 25V
120
150
dB
Input Offset Voltage (Note 3)
VOS
TA = +25°C
±30
±200
μV
±300
VOS Hysteresis (Note 4)
VHYS
TA = +25°C
10
µV
Gain
G
TS1103-25
25
V/V
TS1103-50
50
TS1103-100
100
TS1103-200
200
Gain Error (Note 5)
GE
TA = +25°C
±0.2
±0.6
%
±1.0
Gain Match (Note 5)
GM
TA = +25°C
±0.2
±0.6
%
±1
Output Resistance (Note 6)
ROUT
TS1103-25/50/100
7.0
10
13.2
TS1103-200
14.0
20
26.4
OUT Low Voltage
VAOL
Gain = 25
5
mV
Gain = 50
10
Gain = 100
20
Gain = 200
40
OUT High Voltage (Note 7)
VAOH
VOH = VRS- - VOUT
0.05
0.2
V
Output Settling Time
tS
TS1103-25/50/100
1% final value, VOUT = 3V
2.2
ms
TS1103-200
4.3
SIGN COMPARATOR PARAMETERS
VDD Supply Voltage Range
VDD
1.25
5.5
V
VDD Supply Current
IDD
0.02
0.2
µA
Output Low Voltage
VCOL
VDD = 1.25V, ISINK = 5µA
0.2
V
VDD = 1.8V, ISINK = 35µA
Output High Voltage
VCOH
VDD = 1.25V, ISOURCE = 5µA
VDD – 0.2
V
VDD = 1.8V, ISOURCE = 35µA
Propagation Delay
tPD
VSENSE = ±1mV
3
ms
VSENSE = ±10mV
0.4
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by product
characterization.
Note 2: Extrapolated to VOUT = 0. ICC is the total current into the RS+ and the RS- pins.
Note 3: Input offset voltage VOS is extrapolated from a VOUT+ measurement with VSENSE set to +1mV and a VOUT- measurement
with VSENSE set to -1mV; vis-a-viz,
Average VOS =
V
-
-
V
+
x A
Note 4: Amplitude of VSENSE lower or higher than VOS required to cause the comparator to switch output states.
Note 5: Gain error applies to current flow in either direction and is calculated by applying two values for VSENSE and then
calculating the error of the actual slope vs. the ideal transfer characteristic:
For GAIN = 25, the applied VSENSE is 20mV and 120mV.
For GAIN = 50, the applied VSENSE is 10mV and 60mV.
For GAIN = 100, the applied VSENSE is 5mV and 30mV.
For GAIN = 200, the applied VSENSE is 2.5mV and 15mV.
Note 6: The device is stable for any capacitive load at VOUT.
Note 7: VOH is the voltage from VRS- to VOUT with VSENSE = 3.6V/GAIN.


同様の部品番号 - TS1103-25EG6TP

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1103-25-EG6 SILABS-TS1103-25-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1103-25-EG6T SILABS-TS1103-25-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

同様の説明 - TS1103-25EG6TP

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT1999-10 LINER-LT1999-10 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com