データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1103-25EG6TP データシート(PDF) 8 Page - Touchstone Semiconductor Inc

部品番号 TS1103-25EG6TP
部品情報  A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1103-25EG6TP データシート(HTML) 8 Page - Touchstone Semiconductor Inc

Back Button TS1103-25EG6TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1103-25EG6TP Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TS1103
Page 8
TS1103DS r1p0
RTFDS
external VSENSE, op amp feedback action drives the
gate of M1 such that M1
’s drain-source current is
equal to:
DS M1
VSE SE
R A A
or
DS M1
L AD x RSE SE
R A A
Since
M1’s drain terminal is connected to ROUT, the
output voltage of the TS1103 at the OUT terminal is,
therefore;
V
L AD x RSE SE x
R
R A A
When the voltage at the RS- terminal is greater than
the voltage at the RS+ terminal, the external
VSENSE voltage drop is impressed upon RGAINB.
The voltage drop across RGAINB is then converted
into a current by M2 that then produces an output
voltage across ROUT. In this design, when M1 is
conducting current (VRS+ > VRS-), the TS1103’s
internal amplifier holds M2 OFF. When M2 is
conducting current
(VRS- > VRS+), the internal
amplifier holds M1 OFF. In either case, the disabled
FET does not contribute to the resultant output
voltage.
The current-
sense amplifier’s gain accuracy is
therefore the ratio match of ROUT to RGAIN[A/B].
For each of the four gain options available, Table 1
lists the values for ROUT and RGAIN[A/B]. The
TS1103
’s output stage is protected against input
overdrive by use of an output current-limiting circuit
of 3mA (typical) and a 7V internal clamp protection
circuit.
Table 1: Internal Gain Setting Resistors (Typical
Values)
GAIN (V/V)
RGAIN[A/B] (
Ω)
ROUT (
Ω)
Part Number
25
400
10k
TS1103-25
50
200
10k
TS1103-50
100
100
10k
TS1103-100
200
100
20k
TS1103-200
The SIGN Comparator Output
As
shown in the S1103’s block diagram, the design
of the TS1103 incorporated one additional feature
an analog comparator the inputs of which monitor
the internal amplifier’s differential output voltage.
While the voltage at the TS1103
’s
terminal
indicates the magnitude of the load current, the
TS1103
’s S
output indicates the load current’s
direction. The SIGN output is a logic high when M1
is conducting current (VRS+ > VRS-). Alternatively, the
SIGN output is a logic low when M2 is conducting
current (VRS+ < VRS-).
he S
comparator’s
transfer characteristic is illustrated in Figure 1.
Unlike other current-sense amplifiers that implement
a OUT/SIGN arrangement, the TS1103 exhibits no
“dead zone” at
LOAD switchover.
Figure 1: TS1103's SIGN Comparator Transfer
Characteristic.
Figure 2: SIGN Comparator Propagation Delay vs VSENSE.
100
0.1
10
1
VSENSE (│VRS+ - VRS-│) - mV
0.1
1
10
100


同様の部品番号 - TS1103-25EG6TP

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1103-25-EG6 SILABS-TS1103-25-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1103-25-EG6T SILABS-TS1103-25-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

同様の説明 - TS1103-25EG6TP

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT1999-10 LINER-LT1999-10 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com