データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAL-2690D3U データシート(PDF) 5 Page - STMicroelectronics

部品番号 BAL-2690D3U
部品情報  50 / 30j25 balun transformer for 2.45 GHz ISM band
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-2690D3U データシート(HTML) 5 Page - STMicroelectronics

  BAL-2690D3U Datasheet HTML 1Page - STMicroelectronics BAL-2690D3U Datasheet HTML 2Page - STMicroelectronics BAL-2690D3U Datasheet HTML 3Page - STMicroelectronics BAL-2690D3U Datasheet HTML 4Page - STMicroelectronics BAL-2690D3U Datasheet HTML 5Page - STMicroelectronics BAL-2690D3U Datasheet HTML 6Page - STMicroelectronics BAL-2690D3U Datasheet HTML 7Page - STMicroelectronics BAL-2690D3U Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BAL-2690D3U
Package information
Doc ID 16056 Rev 2
5/8
2
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 11.
Package dimensions (definitions)
Table 4.
Package dimensions (values)
Ref.
Dimensions
Millimetres
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.565
0.63
0.695
0.022
0.025
0.027
A1
0.17
0.205
0.24
0.007
0.008
0.009
A2
-
0.4
-
-
0.016
-
b
0.215
0.255
0.295
0.008
0.010
0.012
D
0.86
0.91
0.96
0.034
0.036
0.038
D1
-
0.474
-
-
0.019
-
E
0.86
0.91
0.96
0.034
0.036
0.038
E1
-
0.474
-
-
0.019
-
SE
-
0.237
-
-
0.009
-
$
-
0.025
-
-
0.001
-
A1
B1
B2
A2
D
D
D1
b
$
Z
C


同様の部品番号 - BAL-2690D3U

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
BAL-24W-K FUJITSU-BAL-24W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results

同様の説明 - BAL-2690D3U

メーカー部品番号データシート部品情報
logo
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
Johanson Technology Inc...
2450BL14B100 JOHANSON-2450BL14B100 Datasheet
129Kb / 2P
   2.45 GHz Balun
2450BL14B050 JOHANSON-2450BL14B050 Datasheet
71Kb / 2P
   2.45 GHz Balun
2450BL15B150 JOHANSON-2450BL15B150 Datasheet
142Kb / 2P
   2.45 GHz Balun
2450BL15B200 JOHANSON-2450BL15B200 Datasheet
102Kb / 2P
   2.45 GHz Balun
2450BL14C050 JOHANSON-2450BL14C050 Datasheet
134Kb / 2P
   2.45 GHz Balun
2450BL15B050 JOHANSON-2450BL15B050 Datasheet
102Kb / 2P
   2.45 GHz Balun
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com