データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7427114S データシート(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7427114S
部品情報  Snap Ferrite Sleeve with plastic case
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427114S データシート(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427114S Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427114S Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427114S Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427114S Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.1
2.0
1.0
REV
2012-06-27
2012-04-23
2006-11-13
DATE
SSt
SSt
AF
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
Snap Ferrite Sleeve with plastic case
Order.- No.
7427114S
SIZE
A4
D2 General Properties:
Ferrite core
Ferrite core
Ferrite core
Plastic housing
Plastic housing
Test cable
Test cable
Properties
Material
Initial permeability
Curie temperature
Colour
Flammability Classification
Applicable cable
Applicable cable length
µi
TC
Value
4 W 620
620
150
Black
UL94-V0
AWG26
165
Unit
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 7427114S

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7427114 WURTH-7427114 Datasheet
445Kb / 4P
   Snap Ferrite Sleeve with plastic case
74271142 WURTH-74271142 Datasheet
490Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
74271142S WURTH-74271142S Datasheet
490Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
More results

同様の説明 - 7427114S

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7427111S WURTH-7427111S Datasheet
469Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427122S WURTH-7427122S Datasheet
448Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427111 WURTH-7427111 Datasheet
469Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427113S WURTH-7427113S Datasheet
473Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427113 WURTH-7427113 Datasheet
473Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427114 WURTH-7427114 Datasheet
445Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427122 WURTH-7427122 Datasheet
448Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427140 WURTH-7427140 Datasheet
461Kb / 4P
   Snap Ferrite Ring with plastic case
7427140S WURTH-7427140S Datasheet
461Kb / 4P
   Snap Ferrite Ring with plastic case
7427141S WURTH-7427141S Datasheet
478Kb / 4P
   Snap Ferrite Ring with plastic case
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com