データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-ILL006V1 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-ILL006V1
部品情報  VIPer22A-E off line, constant current driver for high intensity LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL006V1 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL006V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL006V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL006V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL006V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2007
Rev 1
1/4
4
STEVAL-ILL006V1
VIPer22A-E off line, constant current driver for high intensity LEDs
Features
Drives from 2 to 8 LEDs
Constant current output: 350 mA, 700 mA,
1.05 A (selectable)
Input voltage range: 90 to 264 VAC 50/60 Hz
Compliant with EN55022 class B for EMI
Description
This board represents a low cost, high efficiency,
high brightness multiple LED driver based on the
integrated off-line switching regulator VIPer22A-E.
The board is an off-line, constant current power
supply capable of driving from 2 to 8 LEDs in
series operating from universal mains input. The
output current can be selected for compatibility
with 1 W, 3 W and 5 W LEDs with a total output
power of up to 10 W.
STEVAL-ILL006V1
www.st.com


同様の部品番号 - STEVAL-ILL006V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-ILL003V2 STMICROELECTRONICS-STEVAL-ILL003V2 Datasheet
100Kb / 4P
   DC-DC converter for high efficiency
November 2007 Rev 1
STEVAL-ILL005V1 STMICROELECTRONICS-STEVAL-ILL005V1 Datasheet
78Kb / 4P
   VIPer12A-E off line, constant current driver for high intensity LEDs
STEVAL-ILL009V4 STMICROELECTRONICS-STEVAL-ILL009V4 Datasheet
71Kb / 4P
   OSRAM Golden DRAGON짰 LEDs board
STEVAL-ILL009V5 STMICROELECTRONICS-STEVAL-ILL009V5 Datasheet
105Kb / 5P
   New RGB color demonstration board based on the STP04CM05 and ST1S10
More results

同様の説明 - STEVAL-ILL006V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-ILL005V1 STMICROELECTRONICS-STEVAL-ILL005V1 Datasheet
78Kb / 4P
   VIPer12A-E off line, constant current driver for high intensity LEDs
AN2042 STMICROELECTRONICS-AN2042 Datasheet
542Kb / 30P
   brightness LEDs with VIPer22A-E
logo
ON Semiconductor
NSIC2030BT3G ONSEMI-NSIC2030BT3G Datasheet
182Kb / 9P
   Constant Current Regulator & LED Driver for A/C off-line Applications
June, 2012 ??Rev. 0
NSIC2050BT3G ONSEMI-NSIC2050BT3G Datasheet
182Kb / 9P
   Constant Current Regulator & LED Driver for A/C off-line Applications
June, 2012 ??Rev. 0
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
logo
Global Mixed-mode Techn...
G5114 GMT-G5114 Datasheet
428Kb / 9P
   High Efficiency, Constant Current Output for 8 Series LEDs Driver
G5115 GMT-G5115 Datasheet
423Kb / 9P
   High Efficiency, Constant Current Output for 4 Series LEDs Driver
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
   High Efficiency, Constant Current 20V White-LEDs Driver
G2621 GMT-G2621 Datasheet
95Kb / 1P
   High Efficiency, Constant Current 40V White-LEDs Driver
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com