データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-ISA055V2 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-ISA055V2
部品情報  0.7 A / 3.3 V synchronous buck converter with enable function based on the ST1S12XX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA055V2 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA055V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA055V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA055V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA055V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2008
Rev 1
1/4
4
STEVAL-ISA055V2
0.7 A / 3.3 V synchronous buck converter
with enable function based on the ST1S12XX
Features
Step-down current mode PWM (1.7 MHz) DC-
DC converter
Fixed output voltage 3.3 V
0.7 A output current capability
3% DC output voltage tolerance
Synchronous rectification
Enable function
Internal soft-start
Typical efficiency: > 90%
Non switching quiescent current: max 600 µA
over temperature range
RDS(on) typ. 250 mΩ and 400 mΩ
Uses tiny capacitors and inductors
Description
This demonstration board is based on the
ST1S12 family of synchronous step-down DC-DC
converters optimized for powering low-voltage
digital cores in HDD (hard disk drive) applications,
and is generally used to replace high-current
linear solutions when power dissipation may
cause high heating of the application
environment.
It provides up to 0.7 A over an input voltage range
of 2.5 V to 5.5 V. A high switching frequency of 1.7
MHz allows the use of tiny surface-mount
components. A resistor divider to set the output
voltage value, an inductor, and two capacitors are
required for the adjustable version, while only an
inductor and 2 capacitors are needed for the 1.2 V
and 1.8 V fixed version.
A low output ripple is guaranteed by the current
mode PWM topology and by the use of low ESR
surface-mount ceramic capacitors.
The ST1S12 device is thermal protected and
current limited to prevent damage due to
accidental short-circuit. This family of products is
available in the TSOT23-5L package.
STEVAL-ISA055V2
www.st.com


同様の部品番号 - STEVAL-ISA055V2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
   Synchronous rectification
September 2008 Rev 1
More results

同様の説明 - STEVAL-ISA055V2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-ISA045V2 STMICROELECTRONICS-STEVAL-ISA045V2 Datasheet
97Kb / 4P
   2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
March 2008 Rev 1
STEVAL-ISA046V2 STMICROELECTRONICS-STEVAL-ISA046V2 Datasheet
92Kb / 4P
   2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09 with inhibit
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
   1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
STEVAL-ISA046V1 STMICROELECTRONICS-STEVAL-ISA046V1 Datasheet
80Kb / 4P
   2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09 with inhibit
STEVAL-ISA043V2 STMICROELECTRONICS-STEVAL-ISA043V2 Datasheet
84Kb / 4P
   1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
STEVAL-ISA045V1 STMICROELECTRONICS-STEVAL-ISA045V1 Datasheet
104Kb / 4P
   2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
STEVAL-ISA049V2 STMICROELECTRONICS-STEVAL-ISA049V2 Datasheet
170Kb / 4P
   Synchronous dual buck converter with inhibit demonstration board based on the ST2S06B
STEVAL-ISA044V1 STMICROELECTRONICS-STEVAL-ISA044V1 Datasheet
131Kb / 4P
   3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
STEVAL-ISA044V2 STMICROELECTRONICS-STEVAL-ISA044V2 Datasheet
132Kb / 4P
   3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
STEVAL-ISA044V6 STMICROELECTRONICS-STEVAL-ISA044V6 Datasheet
311Kb / 4P
   3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (DFN)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com