データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7445420 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7445420
部品情報  POWER-CHOKE WE-PD 3
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7445420 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7445420 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7445420 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7445420 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
A
10,4 ± 0,1
mm
B
16,0 ± 0,1
mm
C
24,0 ± 0,3
mm
D
1,55 ± 0,05
mm
E
2,00 ± 0,1
mm
F
4,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
13,2 ± 0,1
mm
J
5,30 ± 0,1
mm
T
0,40 ± 0,05
mm
a
330,0 ± 0,5
mm
b
21,00 ± 0,8
mm
+ 0,5
- 1,0
d
100,0 ± 0,2
mm
SSt
06-09-27
MST
04-10-11
Name
Datum / date
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
7445420
SPEICHERDROSSEL WE-PD 3
POWER-CHOKE WE-PD 3
DATUM / DATE : 2006-09-27
I Rollenspezifikation / Tape and reel specification :
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
c
13,00
mm
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
............................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Version 2
..................................................................................
............................................................................
Version 1
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Ø c
a
d
b
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
A
B
C
G
F
E
øD
H
I
T
J
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


同様の部品番号 - 7445420

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74454215 WURTH-74454215 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
74454220 WURTH-74454220 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
74454233 WURTH-74454233 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
74454239 WURTH-74454239 Datasheet
143Kb / 3P
   POWER-CHOKE WE-PD 3
74454247 WURTH-74454247 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
More results

同様の説明 - 7445420

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7445101 WURTH-7445101 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
7445920 WURTH-7445920 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459010 WURTH-74459010 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459147 WURTH-74459147 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
7445302 WURTH-7445302 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445303 WURTH-7445303 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445404 WURTH-7445404 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
74451122 WURTH-74451122 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74451147 WURTH-74451147 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74453112 WURTH-74453112 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
74454010 WURTH-74454010 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com