データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N138 データシート(PDF) 1 Page - Shenzhen Tenand Technology Co., Ltd.

部品番号 6N138
部品情報  Single Channel, High Speed Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TENAND [Shenzhen Tenand Technology Co., Ltd.]
ホームページ  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

6N138 データシート(HTML) 1 Page - Shenzhen Tenand Technology Co., Ltd.

  6N138 Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. 6N138 Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. 6N138 Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. 6N138 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. 6N138 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. 6N138 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. 6N138 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. 6N138 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. 6N138 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
Part No. : 6N138 / 6N139 series
Page : 1
of 15
BNS-OD-C131/A4
Description
These high gain series couplers use a light
emitter diode and an integrated high gain
photo detector to provide extremely high
current transfer ratio between input and
output. Separate pins for the photodiode and
output stage result in TTL compatible
saturation voltage and high speed operation.
Where desired the Vcc and Vo terminals
may be tied together to achieve conventional
photo darlington operation. A base access
terminal allows a gain bandwidth adjustment
to be made.
Dec.2008
Functional Diagram
NC
ANODE
Cathode
NC
VO
VB
GND
VCC
Truth Table (Positive Logic)
LED
OUT
ON
L
OFF
H
A 0.1µF bypass Capacitor must
be connected between Pin8 and
Pin5
6N138 / 6N139
APPLICATIONS
Digital logic ground isolation
Low input current line receiver
Telephone ring detector
EIA-RS-232C line receiver
Current loop receiver
High common mode noise line
receiver
Features
• High current transfer ratio – 2000%
typical.
• Low input current requirements – 0.5mA
• High output current – 60mA
• CTR guarantee – 0~70℃.
• Instantaneous common mode rejection
10KV/μsec
• TTL compatible output – 0.1V V
OL typical
• UL, CSA approved.
6N138, 6N139
Single Channel, High Speed Optocouplers
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD


同様の部品番号 - 6N138

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
6N138 TOSHIBA-6N138 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
6N138 TOSHIBA-6N138 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
logo
CT Micro International ...
6N138 CTMICRO-6N138 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Vishay Siliconix
6N138 VISHAY-6N138 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
More results

同様の説明 - 6N138

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com