データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G07FZ4-7 データシート(PDF) 6 Page - Diodes Incorporated

部品番号 74AUP1G07FZ4-7
部品情報  SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G07FZ4-7 データシート(HTML) 6 Page - Diodes Incorporated

Back Button 74AUP1G07FZ4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G07FZ4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G07FZ4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G07FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G07FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G07FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G07FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G07FZ4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G07FZ4-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AUP1G07
Document number: DS35149 Rev. 1 - 2
6 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G07
Switching Characteristics
CL = 5pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
11.6
ns
1.2V ± 0.1V
2.0
4.1
7.5
2.0
9.1
2.0
10.0
1.5V ± 0.1V
1.5
3.0
5.1
1.5
6.1
1.5
6.7
1.8V ± 0.15V
1.2
2.7
4.0
1.2
5.0
1.2
5.5
2.5V ± 0.2V
1.0
2.3
3.2
1.0
4.0
1.0
4.4
3.3V ± 0.3V
0.8
2.2
2.8
0.8
3.3
0.8
3.6
CL = 10pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
14.7
ns
1.2V ± 0.1V
2.5
5.1
9.0
2.5
11.2
2.5
12.3
1.5V ± 0.1V
2.0
3.8
6.1
2.0
7.4
2.0
8.1
1.8V ± 0.15V
1.7
3.6
4.8
1.7
6.1
1.7
6.7
2.5V ± 0.2V
1.4
3.3
4.5
1.4
4.8
1.4
5.3
3.3V ± 0.3V
1.2
3.1
4.2
1.2
4.5
1.2
5.0
CL = 15pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
17.7
ns
1.2V ± 0.1V
2.9
6.1
10.4
2.9
13.1
2.9
14.5
1.5V ± 0.1V
2.3
4.5
6.8
2.3
8.6
2.3
9.4
1.8V ± 0.15V
2.1
4.4
6.7
2.1
7.8
2.1
8.6
2.5V ± 0.2V
1.7
4.2
5.9
1.7
6.8
1.7
6.9
3.3V ± 0.3V
1.5
4.0
5.7
1.5
6.1
1.5
6.7
CL = 30pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
24.6
ns
1.2V ± 0.1V
3.9
9.0
15.6
3.9
18.8
3.9
20.7
1.5V ± 0.1V
3.2
7.5
13.4
3.2
13.7
3.2
13.7
1.8V ± 0.15V
2.9
6.8
12.4
2.9
12.6
2.9
12.6
2.5V ± 0.2V
2.5
6.5
10.7
2.5
10.9
2.5
12.1
3.3V ± 0.3V
2.3
6.4
9.7
2.3
10.4
2.3
11.4


同様の部品番号 - 74AUP1G07FZ4-7

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
74AUP1G07 NXP-74AUP1G07 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Nexperia B.V. All right...
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
More results

同様の説明 - 74AUP1G07FZ4-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com