データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G14FZ4-7 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 74AUP1G14FZ4-7
部品情報  SINGLE SCHMITT-TRIGGER INVERETER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G14FZ4-7 データシート(HTML) 1 Page - Diodes Incorporated

  74AUP1G14FZ4-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74AUP1G14
Document number: DS35152 Rev. 1 - 2
1 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G14
SINGLE SCHMITT-TRIGGER INVERETER
Description
The Advanced Ultra Low Power (AUP) CMOS logic family is
designed for low power and extended battery life in portable
applications.
The AUP1G14 is a single 1-input Schmitt-trigger inverter gate with
a standard push-pull output designed for operation over a power
supply range of 0.8V to 3.6V.
The device is fully specified for
partial power down applications using IOFF. The IOFF circuitry
disables the output preventing damaging current backflow when
the device is powered down.
The gate performs the positive Boolean function:
A
Y
=
Features
Advanced Ultra Low Power (AUP) CMOS
Supply Voltage Range from 0.8V to 3.6V
± 4mA Output Drive at 3.0V
Low Static power consumption
Icc < 0.9µA
Low Dynamic Power Consumption
CPD = 6.2pF (Typical at 3.6V)
Schmitt Trigger Action at All Inputs Make the Circuit
Tolerant for Slower Input Rise and Fall Time. The hysteresis
is typically 250mV at Vcc = 3.0V
IOFF Supports Partial-Power-Down Mode Operation
ESD Protection Exceeds JESD 22
2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
Latch-Up Exceeds 100mA per JESD 78, Class II
Range of Package Options SOT353, DFN1410, and
DFN1010
Leadless packages per JESD30E
DFN1010 denoted as X2-DFN1010-6
DFN1014 denoted as X2-DFN1014-6
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
Suited for battery and low power needs
Wide array of products such as:
Tablets, E-readers
Cell Phones, Personal Navigation / GPS
MP3 players ,Cameras, Video Recorders
PCs ultrabooks, notebooks, netbooks,
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Click here for ordering information, located at the end of datasheet


同様の部品番号 - 74AUP1G14FZ4-7

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
More results

同様の説明 - 74AUP1G14FZ4-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74AHC1G14 DIODES-74AHC1G14_11 Datasheet
184Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERETER
74AHCT1G14 DIODES-74AHCT1G14 Datasheet
180Kb / 8P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14_1107 DIODES-74LVC1G14_1107 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
   Single Schmitt trigger
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com