データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G09FZ4 データシート(PDF) 8 Page - Diodes Incorporated

部品番号 74AUP1G09FZ4
部品情報  SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G09FZ4 データシート(HTML) 8 Page - Diodes Incorporated

Back Button 74AUP1G09FZ4 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G09FZ4 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G09FZ4 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G09FZ4 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G09FZ4 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G09FZ4 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G09FZ4 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G09FZ4 Datasheet HTML 10Page - Diodes Incorporated 74AUP1G09FZ4 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
74AUP1G09
Document number: DS35151 Rev. 1- 2
8 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G09
Ordering Information
74 AUP1G 09 XX -7
:
Function
Package
7 : Tape & Reel
Packing
09 : 2- Input
AND - Gate
SE
Logic Device
74 : Logic Prefix
AUP : 0.8 V to 3.6 V
Logic Family
1G : One gate
SOT353
: X2-DFN1410-6
X2-DFN1010-6
:
FZ4
FW4
With Open Drain
Part Number
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
74AUP1G09SE-7
SE
SOT353
3000/Tape & Reel
-7
74AUP1G09FZ4-7
FZ4
X2-DFN1410-6
5000/Tape & Reel
-7
74AUP1G09FW4-7
FW4
X2-DFN1010-6
5000/Tape & Reel
-7
Marking Information
(1) SOT353
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal code
(Top View)
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AUP1G09SE
SOT353
XR
(2) X2-DFN1410-6 and X2-DFN1010-6
Y : Year : 0~9
(Top View)
X : A~Z : Internal code
Y W X
XX
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AUP1G09FZ4
X2-DFN1410-6
XR
74AUP1G09FW4
X2-DFN1010-6
XR


同様の部品番号 - 74AUP1G09FZ4

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G09 NXP-74AUP1G09 Datasheet
90Kb / 15P
   Low-power 2-input AND gate with open-drain
Rev. 01-15 January 2009
logo
Nexperia B.V. All right...
74AUP1G09 NEXPERIA-74AUP1G09 Datasheet
262Kb / 17P
   Low-power 2-input AND gate with open-drain
Rev. 7 - 14 January 2022
74AUP1G09-Q100 NEXPERIA-74AUP1G09-Q100 Datasheet
214Kb / 12P
   Low-power 2-input AND gate with open-drain
Rev. 3 - 14 January 2022
logo
NXP Semiconductors
74AUP1G09GF NXP-74AUP1G09GF Datasheet
90Kb / 15P
   Low-power 2-input AND gate with open-drain
Rev. 01-15 January 2009
74AUP1G09GM NXP-74AUP1G09GM Datasheet
90Kb / 15P
   Low-power 2-input AND gate with open-drain
Rev. 01-15 January 2009
More results

同様の説明 - 74AUP1G09FZ4

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74AHC1G09 DIODES-74AHC1G09 Datasheet
335Kb / 9P
   SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
logo
Unisonic Technologies
U74LVC1G09 UTC-U74LVC1G09 Datasheet
183Kb / 5P
   SINGLE 2-INPUT POSITIVE-AND GATE WITH OPEN-DRAIN OUTPUT
logo
Texas Instruments
SN74AHC1G09 TI1-SN74AHC1G09_16 Datasheet
898Kb / 20P
[Old version datasheet]   Single 2?밒nput Positive-AND Gate With Open-Drain Output
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1_V01 Datasheet
1,002Kb / 22P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
REVISED OCTOBER 2023
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1 Datasheet
816Kb / 19P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
MAY 2023
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
   2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
   2-Input AND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com