データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G14SE データシート(PDF) 3 Page - Diodes Incorporated

部品番号 74AUP1G14SE
部品情報  SINGLE SCHMITT-TRIGGER INVERETER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G14SE データシート(HTML) 3 Page - Diodes Incorporated

  74AUP1G14SE Datasheet HTML 1Page - Diodes Incorporated 74AUP1G14SE Datasheet HTML 2Page - Diodes Incorporated 74AUP1G14SE Datasheet HTML 3Page - Diodes Incorporated 74AUP1G14SE Datasheet HTML 4Page - Diodes Incorporated 74AUP1G14SE Datasheet HTML 5Page - Diodes Incorporated 74AUP1G14SE Datasheet HTML 6Page - Diodes Incorporated 74AUP1G14SE Datasheet HTML 7Page - Diodes Incorporated 74AUP1G14SE Datasheet HTML 8Page - Diodes Incorporated 74AUP1G14SE Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74AUP1G14
Document number: DS35152 Rev. 1 - 2
3 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G14
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
VCC
Supply Voltage Range
-0.5 to +4.6
V
VI
Input Voltage Range
-0.5 to +4.6
V
Vo
Voltage applied to output in high or low state
-0.5 to VCC +0.5
V
IIK
Input Clamp Current VI < 0
50
mA
IOK
Output Clamp Current (VO < 0 )
50
mA
IO
Continuous Output Current (VO = 0 to VCC)
±20
mA
ICC
Continuous Current Through VCC
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to 1+50
°C
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
0.8
3.6
V
VI
Input Voltage
0
3.6
V
VO
Output Voltage
0
VCC
V
IOH
High-Level Output Current
VCC = 0.8V
-20
µA
VCC = 1.1V
-1.1
mA
VCC = 1.4V
-1.7
VCC = 1.65V
-1.9
VCC = 2.3V
-3.1
VCC = 3.0V
-4
IOL
Low-Level Output Current
VCC = 0.8V
20
uA
VCC = 1.1V
1.1
mA
VCC = 1.4V
1.7
VCC = 1.65V
1.9
VCC = 2.3V
3.1
VCC = 3.0V
4
TA
Operating Free-Air Temperature
-40
125
°C
Note:
5. Unused inputs should be held at VCC or Ground.


同様の部品番号 - 74AUP1G14SE

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
More results

同様の説明 - 74AUP1G14SE

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74AHC1G14 DIODES-74AHC1G14_11 Datasheet
184Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERETER
74AHCT1G14 DIODES-74AHCT1G14 Datasheet
180Kb / 8P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14_1107 DIODES-74LVC1G14_1107 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
   Single Schmitt trigger
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com