データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G34FW4-7 データシート(PDF) 8 Page - Diodes Incorporated

部品番号 74AUP1G34FW4-7
部品情報  SINGLE BUFFER GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G34FW4-7 データシート(HTML) 8 Page - Diodes Incorporated

Back Button 74AUP1G34FW4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G34FW4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G34FW4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G34FW4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G34FW4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G34FW4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G34FW4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G34FW4-7 Datasheet HTML 10Page - Diodes Incorporated 74AUP1G34FW4-7 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
74AUP1G34
Document number: DS35155 Rev. 1 - 2
8 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G34
Ordering Information
Part Number
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
74AUP1G34SE-7
SE
SOT353
3000/Tape & Reel
-7
74AUP1G34FZ4-7
FZ4
X2-DFN1410-6
5000/Tape & Reel
-7
74AUP1G34FW4-7
FW4
X2-DFN1010-6
5000/Tape & Reel
-7
Marking Information
(1) SOT353
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal code
(Top View)
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AUP1G34SE
SOT353
XV
(2) X2-DFN1410-6 and X2-DFN1010-6
Y : Year : 0~9
(Top View)
X : A~Z : Internal code
Y W X
XX
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AUP1G34FZ4
X2-DFN1410-6
XV
74AUP1G34FW4
X2-DFN1010-6
XV


同様の部品番号 - 74AUP1G34FW4-7

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G34 NXP-74AUP1G34 Datasheet
91Kb / 15P
   Low-power buffer
Rev. 03-14 August 2008
logo
Nexperia B.V. All right...
74AUP1G34 NEXPERIA-74AUP1G34 Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
   Low-power buffer
Rev. 1-26 March 2013
logo
Nexperia B.V. All right...
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34GF NXP-74AUP1G34GF Datasheet
91Kb / 15P
   Low-power buffer
Rev. 03-14 August 2008
More results

同様の説明 - 74AUP1G34FW4-7

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com