データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL0401BDCK データシート(PDF) 5 Page - Texas Instruments

部品番号 TPL0401BDCK
部品情報  Works with low cost MSP430 based LaunchPad platform
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401BDCK データシート(HTML) 5 Page - Texas Instruments

  TPL0401BDCK Datasheet HTML 1Page - Texas Instruments TPL0401BDCK Datasheet HTML 2Page - Texas Instruments TPL0401BDCK Datasheet HTML 3Page - Texas Instruments TPL0401BDCK Datasheet HTML 4Page - Texas Instruments TPL0401BDCK Datasheet HTML 5Page - Texas Instruments TPL0401BDCK Datasheet HTML 6Page - Texas Instruments TPL0401BDCK Datasheet HTML 7Page - Texas Instruments TPL0401BDCK Datasheet HTML 8Page - Texas Instruments TPL0401BDCK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
_
+
OUT
C6
R12
TPL0401B
www.ti.com
Software Setup
5.1
Voltage Reference Mode
Make sure the EVM is set up in voltage reference mode as described in Section 3. With the GUI open and
TPL0401A selected you are also given the option to change the voltage divider ratio of the TPL0401A as
a percent value. To do this simply click the box that says percent and you will be prompted to input a
percent value between 0 and 100; decimal values can be used. After pressing enter, the GUI will find and
send the tap value that is closest to the chosen percent value.
Using any of the methods to change the tap value of the TPL0401A will update the output voltage at TP1.
The output will be a percent of the supply voltage, 3.6V.
5.2
Variable Gain Mode
The 430Boost-TPL0401EVM allows for a variable gain setup to evaluate the bandwidth of the TPL0401.
After following the setup instructions in section 2.3.2 ?, the circuit will look as follows:
Figure 2. TPL0401B Variable Gain
The capacitor C6 and the resistor R12 are unpopulated and should be set by the user. R12 will set the
possible gain values and C6 will keep the loop stable. Changing the value of the TPL0401B works the
same as described in the beginning of section 3.1.
5
SLIU008
– September 2011
TPL0401EVM
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


同様の部品番号 - TPL0401BDCK

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0401BDCK TI1-TPL0401BDCK Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
More results

同様の説明 - TPL0401BDCK

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCA7408EVM TI1-TCA7408EVM Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
logo
STMicroelectronics
AN1729 STMICROELECTRONICS-AN1729 Datasheet
203Kb / 10P
   L6565-BASED LOW COST SMPS FOR TV WITH
logo
International Rectifier
IRMCS203 IRF-IRMCS203 Datasheet
158Kb / 1P
   Low cost complete sensorless drive design platform
IRMCS2013 IRF-IRMCS2013 Datasheet
535Kb / 26P
   Encoder Based Low Voltage Servo Drive Design Platform
logo
Moxa Inc.
UC-3100 MOXA-UC-3100 Datasheet
3Mb / 10P
   Arm-based computing platform with wireless built in
logo
Texas Instruments
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
logo
Xilinx, Inc
XC5200 XILINX-XC5200 Datasheet
584Kb / 73P
   Low-cost, register/latch rich, SRAM based
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com