データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6645TRPBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF6645TRPBF
部品情報  DirectFETPower MOSFET 
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6645TRPBF データシート(HTML) 2 Page - International Rectifier

  IRF6645TRPBF Datasheet HTML 1Page - International Rectifier IRF6645TRPBF Datasheet HTML 2Page - International Rectifier IRF6645TRPBF Datasheet HTML 3Page - International Rectifier IRF6645TRPBF Datasheet HTML 4Page - International Rectifier IRF6645TRPBF Datasheet HTML 5Page - International Rectifier IRF6645TRPBF Datasheet HTML 6Page - International Rectifier IRF6645TRPBF Datasheet HTML 7Page - International Rectifier IRF6645TRPBF Datasheet HTML 8Page - International Rectifier IRF6645TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 www.irf.com
© 2012 International Rectifier
July 25, 2012
IRF6645/TRPbF
S
D
G
Electrical Characteristic @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VDSS/TJ
Breakdown Voltage Temp. Coefficient
–––
0.12
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
28
35
m
VGS(th)
Gate Threshold Voltage
3.0
–––
4.9
V
VGS(th)/TJ
Gate Threshold Voltage Coefficient
–––
-12
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
7.4
–––
–––
S
Qg
Total Gate Charge
–––
14
20
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.8
–––
nC
Qgd
Gate-to-Drain Charge
–––
4.8
7.2
Qgodr
Gate Charge Overdrive
–––
5.3
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.6
–––
Qoss
Output Charge
–––
7.2
–––
nC
RG
Gate Resistance
–––
1.0
–––
td(on)
Turn-On Delay Time
–––
9.2
–––
tr
Rise Time
–––
5.0
–––
td(off)
Turn-Off Delay Time
–––
18
–––
ns
tf
Fall Time
–––
5.1
–––
Ciss
Input Capacitance
–––
890
–––
Coss
Output Capacitance
–––
180
–––
pF
Crss
Reverse Transfer Capacitance
–––
40
–––
Coss
Output Capacitance
–––
870
–––
Coss
Output Capacitance
–––
100
–––
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
–––
–––
25
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
45
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
31
47
ns
Qrr
Reverse Recovery Charge
–––
40
60
nC
MOSFET symbol
RG=6.2
VDS = 25V
Conditions
VGS = 0V, VDS = 80V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz
VDS = 16V, VGS = 0V
VDD = 50V, VGS = 10V
i
VGS = 0V
ƒ = 1.0MHz
ID = 3.4A
VDS = VGS, ID = 50μA
VDS = 100V, VGS = 0V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 5.7A
i
TJ = 25°C, IF = 3.4A, VDD = 50V
di/dt = 100A/μs
c
TJ = 25°C, IS = 3.4A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.
ID = 3.4A
VDS = 80V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 10V, ID = 3.4A
VDS = 50V
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width  400μs; duty cycle  2%.


同様の部品番号 - IRF6645TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6645TRPBF IRF-IRF6645TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6645TRPBF IRF-IRF6645TRPBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com