データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S1032-04-ND データシート(PDF) 1 Page - Texas Instruments

部品番号 S1032-04-ND
部品情報  ISO5500EVM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

S1032-04-ND データシート(HTML) 1 Page - Texas Instruments

  S1032-04-ND Datasheet HTML 1Page - Texas Instruments S1032-04-ND Datasheet HTML 2Page - Texas Instruments S1032-04-ND Datasheet HTML 3Page - Texas Instruments S1032-04-ND Datasheet HTML 4Page - Texas Instruments S1032-04-ND Datasheet HTML 5Page - Texas Instruments S1032-04-ND Datasheet HTML 6Page - Texas Instruments S1032-04-ND Datasheet HTML 7Page - Texas Instruments S1032-04-ND Datasheet HTML 8Page - Texas Instruments S1032-04-ND Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
User
's Guide
SLLU136
– September 2011
ISO5500EVM
This document describes the ISO5500 Evaluation Module (EVM) and allows designers to analyze and
evaluate the Texas Instruments ISO5500 Isolated Gate Driver.
The ISO5500EVM can be used to evaluate device parameters while acting as a guide for board layout.
The board allows the user to evaluate device performance using a simulated (10-nF) IGBT load installed
on the board, or to install an IGBT or MOSFET (TO-247 package) onto the board and drive it with the
ISO5500.
Contents
1
Introduction
.................................................................................................................. 1
1.1
Overview
............................................................................................................ 1
1.2
ISO5500EVM Kit Contents
....................................................................................... 2
2
Printed-Circuit Board
....................................................................................................... 2
2.1
ISO5500 Operation
................................................................................................ 2
2.2
Schematic and Bill of Materials
.................................................................................. 5
List of Figures
1
ISO5500 Pinout and Functional Block Diagram
........................................................................ 2
2
High-Side Interconnection Diagram
...................................................................................... 4
3
Low-Side Interconnection Diagram
....................................................................................... 4
4
Component Changes to Change Turnon/Turnoff
....................................................................... 5
List of Tables
1
Test Points
................................................................................................................... 5
2
Bill of Materials
.............................................................................................................. 6
1
Introduction
1.1
Overview
This ISO5500EVM was designed to allow the user to evaluate the performance and features of the
ISO5500. This includes the IGBT desaturation protection (DESAT) and the UVLO circuit that ensures a
sufficient gate voltage is available to drive the IGBT or MOSFET. The printed-circuit board (PCB) also
includes provisions to adjust the turnon/turnoff characteristics by changing the loading between the
ISO5500 output and the IGBT (or MOSFET) gate.
The EVM kit includes the ISO5500 data sheet. Figure 1 shows the device pinout and the functional block
diagram.
QuietZone is a trademark of 3M.
1
SLLU136
– September 2011
ISO5500EVM
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


同様の部品番号 - S1032-04-ND

メーカー部品番号データシート部品情報
logo
rfsolutions.ltd
S103 RFSOLUTIONS-S103 Datasheet
82Kb / 2P
   802.11B WLAN TO RS232 MODULE
logo
List of Unclassifed Man...
S103-000 ETC-S103-000 Datasheet
474Kb / 2P
   SCSI/Fibre Channel - Passive Internal SCSI Terminator 50 Position Male/Female Feed-Thru
logo
Bothhand USA, LP.
S1030 BOTHHAND-S1030 Datasheet
54Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
logo
TE Connectivity Ltd
S1030 TEC-S1030 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Bothhand USA, LP.
S1031 BOTHHAND-S1031 Datasheet
54Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com