データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD8320 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FOD8320
部品情報  High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8320 データシート(HTML) 4 Page - Fairchild Semiconductor

  FOD8320 Datasheet HTML 1Page - Fairchild Semiconductor FOD8320 Datasheet HTML 2Page - Fairchild Semiconductor FOD8320 Datasheet HTML 3Page - Fairchild Semiconductor FOD8320 Datasheet HTML 4Page - Fairchild Semiconductor FOD8320 Datasheet HTML 5Page - Fairchild Semiconductor FOD8320 Datasheet HTML 6Page - Fairchild Semiconductor FOD8320 Datasheet HTML 7Page - Fairchild Semiconductor FOD8320 Datasheet HTML 8Page - Fairchild Semiconductor FOD8320 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8320 Rev. 1.0.6
4
Absolute Maximum Ratings (T
A = 25ºC unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Notes:
1. Maximum pulse width = 10µs, maximum duty cycle=0.2%.
2. No derating required across operating temperature range.
3. Derate linearly from 25°C at a rate of 5.2mW/°C
4. Functional operation under these conditions is not implied. Permanent damage may occur if the device is subjected
to conditions outside these ratings.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +100
°C
TJ
Junction Temperature
-40 to +125
°C
TSOL
Lead Solder Temperature (Refer to Reflow Temperature
Profile)
260 for 10 sec
°C
IF(AVG)
Average Input Current
25
mA
F
Operating Frequency
50
kHz
VR
Reverse Input Voltage
5.0
V
IO(PEAK)
Peak Output Current(1)
3.0
A
VDD
Supply Voltage
0 to 35
V
VO(PEAK)
Peak Output Voltage
0 to VDD
V
tR(IN), tF(IN)
Input Signal Rise and Fall Time
500
ns
PDI
Input Power Dissipation(2)(4)
45
mW
PDO
Output Power Dissipation(3)(4)
500
mW
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient Operating Temperature
-40
100
°C
VDD – VSS
Supply Voltage
16
30
V
IF(ON)
Input Current (ON)
716
mA
VF(OFF)
Input Voltage (OFF)
0
0.8
V


同様の部品番号 - FOD8320

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
More results

同様の説明 - FOD8320

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com